Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
4/11
4
Standard products,
non stocked
Standard products
Part numbers
Zero voltage switching
Rating
Output
Input
Triac
SCR
voltage
voltage
12 A
24-280 V a
180-280 V a c
84 130 100
4-32 V c
84 130 101
90-140 V a
84 130 150
25 A
24-280 V a
180-280 V a c
84 130 102
4-32 V c
84 130 103
90-140 V a
84 130 152
25 A
48-660 V a
180-280 V a c
84 130 118
4-32 V c
84 130 116
90-140 V a
84 130 158
Instantaneous switching
Rating
Output
Input
SCR
voltage
voltage
25 A
48-660 V a 4-32 V c
84 130 117
Thermal dissipation curves
GRD range - single-phase
GRD range - single-phase
with triac
with SCR
Zero voltage switching
Instantaneous switching
Curves for temperature-dependent derating
GRD range 22.5 mm - 12 A (Triac)
GRD range 22.5 mm - 25 A (Triac)
25 A (SCR)
s
Single phase
s
Complete, compact units
s
Tailor-made solution to current sinks
s
DIN rail and panel mounting
s
Rating: 12 and 25 A (Triac) - 25 A ( SCR)
s
Protection by RC filter
s
Optional protection by removable varistor
s
LED display of input status
s
UL - cUL approval and CE marking
Output specifications
Triac
SCR
Voltage range (Vrms max)
24-280
48-660
Peak voltage (t=1 min.) (Vpeak)
600
1200
Maximum current (A)
12 - 25
25
Maximum off-state leakage
15
20
(at Vmax and T = 25 °C)
Minimum current (mArms)
50
100
Max. 1-cycle surge
100 - 250
750
T=25°C (A peak)
Max. 1-second surge
30 - 75
145
T=25°C (A peak)
On-state voltage drop
1.6
1.6
at Imax and T=25°C (Vpeak)
I2t (t=10ms) A2s)
312 - 750
1250
Static (off-state) dv/dt (Vµs)
200
500
Supply frequency range (Hz)
47 to 80
47 to 80
cos
ϕ (Zero voltage)
> 0.5
> 0.5
Rth junction/ambient air
4.9 - 3.6° C/W
2.5° C/W
Input specifications
Input voltage (V)
90-280
a
a c
c
4-32
c
c
Drop-out voltage
10 Vrms
1V c
Maximum current
5.5 mArms
12 mA
(at Vmax)
Nominal input resistance
45 k
Ω
3 k
Ω
Response time
20 ms
0.5 cycle max.
(close)
Response time
30 ms
0.5 cycle max.
(open)
For instantaneous switching models, turn-on time is less than 100 µs
Characteristics
Operating temperature (° C)
-20 to +80
Storage temperature (° C)
-40 to +100
Input to output insulation voltage (Vrms) 4000
Breakdown voltage (Vrms)
2500
Input/output capacitance (pF)
8
Material
Casing
Self-extinguishing
(UL 94 V0)
Baseplate
Aluminium
Weight (g)
250
Terminal capacity
Ø 2 mm max.
Dimensions
Solid state relays with integrated heatsink, DIN rail mounting - GRD range 22.5mm
4
+
3
1
2
4
+
3
1
2
0
2
4
6
8
10
12
I(A)
t (
° C)
0
10
20
304050
60
70
3
4
U
1
2
3
4
U
1
2
0
5
10
15
20
25
010
25
40
50
60
70
t (
° C)
I (A)
0
5
10
15
20
25
010
25
40
50
60
70
t (
° C)
I (A)
12,2
22,50
Ø 4,5
5,15
11,25
4,5
6,80
102,80
1
To order, specify :
Part number
Example: Solid state relay GMS range 22.5 mm
- 84 130 100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com