Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
4/10
4
Standard products
Part numbers
Zero voltage switching (output a)
Rating
Output
Input
3 A
5-48 V c
4-32 V c
84 130 104
5 A
12-280 V a
4-32 V c
84 130 105
Instantaneous switching
Rating
Output
Input
5 A
12-280 V a
4-32 V c
84 130 108
Solid state relays 17.5 mm for DIN rail mounting - GMS range
To order, specify :
s
Complete, compact units
s
DIN rail and panel mounting
s
Rating: 5 A
a
a or 3 A c
c
s
Output voltage 12-280 V
a
a or 5-48 V c
c
s
Input voltage 4-32 V
c
c regulated
s
Input to output insulation voltage: 4 kV
s
LED display of input status
s
Replaceable protection fuse
s
UL - cUL approval and CE marking
Output specifications
Triac
Transistor
Voltage range (Vrms max)
12-280
a
a
5-48
c
c
Peak voltage (t=1 min.) (V peak)
600 a
60 c
Maximum off-state leakage
2 mArms
10 µA
(at Vmax and T = 25 °C)
Maximum current (Arms)
5
3
Minimum current (mArms)
50
10
Max. 1-cycle surge
100
5
T=25°C (V peak)
On-state voltage drop
1.6
1.6
at Imax and T=25°C (V peak)
I2t (t = 10 ms) (A2s)
600
-
Static (off-state) dv/dt (V/µs)
200
n/a
Rth junction/ambient air
20.3° C/W
22.6° C/W
Input specifications
Input voltage (V)
4-32
c
c
4-32
c
c
Drop-out voltage
1V c
1V c
Maximum current
22
16
(at Vmax)
Nominal input resistance
Regulated input
Response time
< 10 ms
50 µs
(close)
Response time
< 10 ms
50 µs
(open)
Characteristics
Operating temperature (° C)
-30 to +80
Storage temperature (° C)
-40 to +100
Input to output insulation voltage (Vrms) 4000
Input/output capacitance (pF)
8
Replaceable protection fuse
Yes
Yes
LED display of input status
Yes
Yes
of input status
Capacity of input
with ferrule :
2 x 1.5 mm2
and output terminals
without ferrule : 2 x 2.5 mm2
1 x 4 mm2
For replacement fuses, see page 4/32
0
1
2
3
4
5
10
20
30
40
50
60
70
1
2
3
+
4
1
2
3
+
4
Ambient temperature (° C)
0
1
2
3
4
5
10
20
30
40
50
60
70
Ambient temperature (° C)
49,5
65
17,5
Part number
Example: Solid state relay - GMS range - 84 130 104
1
1
LED
LED
Equivalent circuits
output a
output c
Curves for temperature-dependent derating
output a
output c
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com