Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
4/56
4
IAC5EQ
84 112 112
24 V a
18 - 36 V a
2
10 mArms
1 mArms
1.5 mArms
10 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
5,1
73,2
12,7
5,1
11,43
26,9
Ø 6,35
14
12
10
9
11
8
13
R1
75
3
2
41
6
14
12
10
9
11
8
13
65
3
2
1
4
7
R1
Logic
ground
Output
3
Output
4
Input
4
Common
Input
3
+ V c
Logic
ground
Output
1
Output
2
Input
2
Common
Input
1
+
V c
Logic
ground
Output
1
Output
2
Input
4 +
Common
(-)
Input
3 +
+
V c
Logic
ground
Output
1
Output
2
Input
2 +
Common
(-)
Input
1 +
+
V c
s
4-channel plug-in module
s
Status display LED
s
Input
: 24 V
a
a / 110 V a
a / 240 V a
a
12 to 48 V
c
c
5 to 28 V
c
c
s
Output : 5 V
c
c
s
Standard industrial casing
Input modules - Quad-Pack range
IAC5Q
84 112 110
120 V a
90 - 140 V a
28
5 mArms
2 mArms
2.5 mArms
50 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
IAC5AQ
84 112 111
240 V a
180 -280 V a
75
5 mArms
1.5 mArms
2 mArms
50 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
20
30
4000
8
47 - 63
IDC5Q
84 112 210
12 - 48 V c
10 - 60 V c
2
34 mA
1 mA
1.5 mA
4 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
5
5
4000
8
c
IDC5BQ
84 112 214
5 - 28 V c
4 - 32 V c
0.5
68 mA
1 mA
1.5 mA
2 V a
5
3 - 6
16
10
30
50
10
0.2
-30 +80
-40 +100
0.05
0.1
4000
8
c
Types
Part numbers
Input characteristics (at ambient 25 °C)
Nominal voltage
Operating voltage range
Max input resistance
Max input current
Current drop
Current authorised when not operating
Voltage authorised when not operating
Output characteristics (at ambient 25 °C)
Logic voltage
Logic voltage range
Max logic current
Max I power supply output in OFF state
Max output transistor voltage
Max output transistor current
Max leakage current
Residual voltage
General characteristics
Temperature
Use
limits
Stored
Response time
Turn-on
Turn-off
I/O isolation
I/O capacity (typical)
Operating frequency
Connections
Ω
V c
V c
mA
µA
V c
mA
µA
V c
°C
°C
ms
ms
V a
pF
Hz
1
Dimensions
Dimensions in mm.
Tolerance : ± 0.50
Countersunk
head screw
Pins Ø1,1
84 112 110 - 111 - 112
84 112 210 / 214
Casing colour :
a : Yellow
c : White
Other information
To order, specify :
UL approved (E46203) / CSA certified (38595)
For mounting boards, see pages 4/84 to 4/89.
Part number
Example : Input module - Quad-Pack range -
84 112 110
1
Standard products
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com