Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
4/20
4
Standard products
Standard products,
non stocked
s
Intended for resistive loads
s
Current ratings 10 and 25 A
s
Output voltage 24 to 280 V
a
a
s
"Zero voltage" switching
s
Optimum thermal response
s
Control input 3-32 V
c
c, 18 to 36 V a
a,
90 to 280V
a
a
s
Connection via screws or faston connectors
s
UL/cUL, TUV approval and CE marking
GN Triac low-cost single-phase solid state relays : GNA5 range
1
To order, specify:
Part number
Example : GN Triac low-cost single-phase
solid state relay - 84 134 900
1
Part numbers
Rating
Output
Input
Screw
Faston
voltage
voltage
10 A
24-280 V a
3-32 V c
84 134 900
84 134 907
18-36 V a c
84 134 902
84 134 908
90-280 V a c 84 134 901
84 134 909
25 A
24-280 V a
3-32 V c
84 134 910
84 134 917
18-36 V a c
84 134 912
84 134 918
90-280 V a c 84 134 911
84 134 919
Thermal dissipation curves
10 A
25 A
Output specifications
Range
24-280 V
a
a
Non-rep. peak voltage (Vp)
500
Maximum off-state leakage
4.75
(at Vmax and T = 25° C) (mA)
Peak voltage (Arms)
10
25
Minimum current (mArms)
100
100
Max. non-rep. surge for 1 s
30
75
(T = 25° C (A))
Max. non-rep. surge for
100
250
1 cycle (T = 25° C (A))
I2t (50 Hz-60Hz) (A2s)
50 - 41
288 - 240
Voltage drop at Imax
1.65
1.85
T = 25° C (V)
Static dV/dt (V/µs)
200
200
Rth junction/casing (°C/W)
3
2
Input specifications
4-32 V
c
c
18-36 V a c 90-280 V a c
Drop-out voltage (V)
1
2
10
Max. current (mA)
14
8
8.5
Turn-on time
8.33 (60Hz) 20
20
(ms)
10 (50Hz)
Turn-off time
8.33 (60Hz) 30
30
(ms)
10 (50Hz)
Characteristics
Operating temperature (°C)
-20 to +80
Storage temperature (°C)
-40 to +100
I/O insulation voltage (Vrms)
4000
Breakdown voltage (Vrms)
2500
Input/output capacitance (pF)
8
Frequency (Hz)
47 to 63
Material
Casing
UL 94 V
Baseplate
Zamak
Weight (g)
97
Dimensions
3/A1+
44,4 (1.750)
25,4 (1.0)
2/T1
1/L1
4/-A2
0.0
20 25 30 35 40 45 50 55 60 65 70 75 80
2.0
4.0
1.5˚
C/W
2.0˚
C/W
3.0˚
C/W
5.0˚
C/W
6.0
8.0
10.0
0.0
20 25 30 35 40 45 50 55 60 65 70 75 80
5.0
10.0
5.0˚
C/W
3.0˚
C/W
2.0˚
C
/W
1.5˚
C/W
1.0˚
C/W
20.0
15.0
25.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com