Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 13Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 14Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 15Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Introduction
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
11
Solid state I/O modules
Solid state I/O modules represent a reliable control system solution which is simple
to install for interfacing different voltage levels.
Output modules
Output modules can be used to control AC or DC loads using DC low-voltage logic
input signals.
They can control loads of up to 5 A, and can be used over a very wide voltage
range, from 5 to 48 VDC and from 120 to 240 VAC.
The control input for these modules is compatible with standard logic levels (TTL,
CMOS, etc).
This makes them ideally suited to act as an interface and isolation device between
one digital command (microprocessor or other), a medium-power circuit (heatsink,
motor, etc), a preactuator (contactors, solenoid valves) or a signalling device
(indicator lamps, audible alarms, etc).
Input modules
Input modules can be used to determine the status of an AC or DC load by
producing a low-voltage logic output signal.
Practical
Clever use of colour means the function of an I/O can be identified immediately,
greatly simplifying module identification.
Colours
s white
: DC input module
s yellow : AC input module
s red
: DC output module
s black
: AC output module
DC
logic input
SOLID STATE
OUTPUT
MODULE
AC or DC
output
AC or DC
input
SOLID STATE
INPUT
MODULE
DC logic
output
Solid state I/O modules
Standard range (15.24 mm)
IAC5
5 V
c
120 V
a
IAC5A
5 V
c
240 V
a
IDC5
5 V
c
5 - 28 V
c
IDC5N
5 V
c
12 - 48 V
c
IAC24A
24 V
c
240 V
a
Range
Type
Output voltages
Input voltages
84 110 110
84 110 111
84 110 210
84 110 212
84 110 131
Part number
To order
M range
MIAC5
5 V
c
120 V
a
MIACEA
5 V
c
240 V
a
MIDC5
5 V
c
5 - 28 V
c
MIDC5N
5 V
c
12 - 48 V
c
84 111 110
84 111 111
84 111 210
84 111 212
43.2 x 31.8 x 15.2 mm
43.2 x 25.4 x 10.2 mm
SM range
SMIAC5
5 V
c
120 V
a
SMIAC5A
5 V
c
240 V
a
SMIDC5
5 V
c
5 - 28 V
c
SMIDC5N
5 V
c
12 - 48 V
c
84 113 110
84 113 111
84 113 210
84 113 212
43.2 x 25.4 x 10.2 mm
DC input module (white)
AC input module (yellow)
DC output module (red)
AC output module (black)
Solid state input modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com