Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
RESULT OF YOUR SEARCH
You are in : Control Automation / Solid state relays / Single-phase GN / GND / FET VERSION / 84 137
870
84 137 870
Specifications
Products in the same range
Selling points of the range :
q
FET transistor versions 10, 15 and 30 A
q
Bipolar transistor version 10 A
q
Control voltage : 3 to 32 V
q
Optimum thermal response
q
Available with or without protective cover
q
UL/Cul, TUV approval and CE marking
Specifications
Current
30 A
Output voltage
1 - 50 V DC
input voltage
3 - 32 V DC
Protective cover
with protective cover
Turn-off voltage (V)
1
Thermal resistance Junction to casing (oC/W)
FET 10 A - 15 A : 2,25 FET 30 A : 2,45
Inputs specifications
Output characteristics
Max. controled current
20 mA
Response time (close) (µs)
2
Response time on closing (µs)
50
Max. non-rep. 10 µ(T=25°C) (A)
FET 10 A : 60 FET 15 A : 120 FET 30 A : 160
Minimum current (mA)
1
Products in the same range
Bipolar version
Current
Output voltage
input voltage
Protective cover
Part number
10 A
3 - 60 V DC
3 - 32 V DC
without protective cover
84 134 750
10 A
3 - 60 V DC
3 - 32 V DC
with protective cover
84 137 750
FET VERSION
Current
Output voltage
input voltage
Protective cover
Part number
10 A
1 - 200 V DC
3 - 32 V DC
without protective cover
84 134 850
15 A
1 - 100 V DC
3 - 32 V DC
without protective cover
84 134 860
30 A
1 - 50 V DC
3 - 32 V DC
without protective cover
84 134 870
10 A
1 - 200 V DC
3 - 32 V DC
with protective cover
84 137 850
15 A
1 - 100 V DC
3 - 32 V DC
with protective cover
84 137 860
30 A
1 - 50 V DC
3 - 32 V DC
with protective cover
84 137 870
Crouzet - The online catalogue
http://www.crouzet.com/OLC/item.cfm?item_id=164202000000315402000001926402 (1 of 2) [8/9/2001 2:24:22 PM]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com