Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
4/15
4
Part numbers
s
Currents from 10 to 125 A
s
Output voltage from 24 to 660 VAC
s
Optimum thermal response
s
Regulated AC and DC control input
s
Control status LED
s
Available with or without protective cover
GN single phase solid state relays
1
To order, specify :
Part number
Example: Single phase solid state relay -
84 137 120
1
Standard products
Standard products,
non stocked
Current
Output voltage
Input voltage
Zero voltage switching
Instantaneous switching
with cover
without cover
with cover
without cover
10A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
10A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
25A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
25A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
50A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
50A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
75A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
75A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
100A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
100A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
125A
24-280VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
125A
48-660VAC
4-32VDC
18-36VAC/DC
90-280VAC/DC
84 137 000
84 137 002
84 137 001
84 137 100
84 137 102
84 137 101
84 137 010
84 137 012
84 137 011
84 137 110
84 137 112
84 137 111
84 137 020
84 137 022
84 137 021
84 137 120
84 137 122
84 137 121
84 137 030
84 137 032
84 137 031
84 137 130
84 137 132
84 137 131
84 137 040
84 137 042
84 137 041
84 137 140
84 137 142
84 137 141
84 137 080
84 137 082
84 137 081
84 137 180
84 137 182
84 137 181
84 134 000
84 134 002
84 134 001
84 134 100
84 134 102
84 134 101
84 134 010
84 134 012
84 134 011
84 134 110
84 134 112
84 134 111
84 134 020
84 134 022
84 134 021
84 134 120
84 134 122
84 134 121
84 134 030
84 134 032
84 134 031
84 134 130
84 134 132
84 134 131
84 134 040
84 134 042
84 134 041
84 134 140
84 134 142
84 134 141
84 134 080
84 134 082
84 134 081
84 134 180
84 134 182
84 134 181
84 137 200
84 137 202
84 137 201
84 137 300
84 137 302
84 137 301
84 137 210
84 137 212
84 137 211
84 137 310
84 137 312
84 137 311
84 137 220
84 137 222
84 137 221
84 137 320
84 137 322
84 137 321
84 137 230
84 137 232
84 137 231
84 137 330
84 137 332
84 137 331
84 137 240
84 137 242
84 137 241
84 137 340
84 137 342
84 137 341
84 137 280
84 137 282
84 137 281
84 137 380
84 137 382
84 137 381
84 134 200
84 134 202
84 134 201
84 134 300
84 134 302
84 134 301
84 134 210
84 134 212
84 134 211
84 134 310
84 134 312
84 134 311
84 134 220
84 134 222
84 134 221
84 134 320
84 134 322
84 134 321
84 134 230
84 134 232
84 134 231
84 134 330
84 134 332
84 134 331
84 134 240
84 134 242
84 134 241
84 134 340
84 134 342
84 134 341
84 134 280
84 134 282
84 134 281
84 134 380
84 134 382
84 134 381
Characteristics
Operating temperature (C°)
– 20 to + 80
Storage temperature (C°)
– 40 to + 100
I/O insulation voltage ( Vrms)
4000
Breakdown voltage ( Vrms)
2500
Input/output capacitance ( pF )
8
Frequency ( Hz )
47 to 80
Material
Casing
polycarbonate UL-94V
Material
Baseplate
Zamak
Weight
Ip 20
114 g
Weight
Ip 00
97 g
60,2
44,2
47,6
32
ø4,9
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com