Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 36Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 37Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 38Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
4/19
4
To order, specify:
35
30
25
20
15
10
5
0
2
4
6
8
10 2030
40 5060
70
80
100
80
60
40
20
0
5
10
15
20
25
30
40
50 60
70 80
20
0,5
°C
/ W
1°C
/ W
2°C / W
0
1020
3040
30
40
50
60
7080
20
125
100
75
50
25
0,25
°C
/ W
0,5
°C
/ W
0,8
°C / W
1°C /
W
150
Thermal dissipation curves
Dimensions
GA3 range - 10A
No heatsink
On-state current (A)
Ambient temperature (°C)
On-state current (A)
Ambient temperature (°C)
On-state current (A)
Ambient temperature (°C)
GA3 range - 25A
GA3 range - 45A
104
92
Ø 5,1
± 0,2
2 M3.5 screws
6 M4 screws
Part number
Accessory
Example: Solid state three-phase relay - GA3 range - 84 068 451 - Protective cover - 26 532 796
2
1
Standard products
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com