Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 36Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 37Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 38Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 39Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
4/22
4
Part numbers
Zero voltage switching
Rating
Range Output voltage
Input voltage
4 A
GA 1
24-280 V a
3-32 V c
84 064 131
GA 8
24-280 V a
3-32 V c
84 065 131
5 A
GA 8
24-280 V a
3-32 V c
84 065 030
3 A
GA 8
24-480 V a
3-32 V c
84 065 040
Instantaneous switching
Rating
Range Output voltage
Input voltage
5 A
GA 8
24-280 V a
3-32 V c
84 025 030
3 A
GA 8
24-480 V a
3-32 V c
84 025 040
Accessories
Quick-blow fuses (see page 4/32)
Equivalent circuits
Curves for temperature-dependent derating
1
2
3
4
+
Matching and
trigger circuit
(Zero voltage)
4
3
2
0
20 30 40 50 60 70 80
1
10
3
2
0
I
20
40
60
80
°C
1
Ambient temperature (°C)
s
PCB-mountable (flat pack = GA1, SIP = GA8)
s
Rating: 4 A-5 A
s
Peak voltage: 600 V
s
Will withstand a 1-cycle 100 A surge
s
TRIAC outputs
s
UL - cUL 3 A approval and CE marking
s
Zero voltage or instantaneous switching
(5A only)
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
To order, specify:
Output specifications
Voltage range (Vrms)
24-280
24-280
Peak voltage (Vpeak)
600
850
Maximum current (Vpeak)
4 or 5 depending
3
on part no.
Minimum current (Vpeak)
0.05
0.05
Max. 1-cycle surge (Apeak)
100
100
Maximum off-state leakage (mArms)
6
6
On-state voltage drop at
1.6
1.65
Imax and T =25°C (V peak)
Static (off-state) dv/dt (Vµs)
200
200
Maximum response time
0.5 cycle
0.5 cycle
(close)
Supply frequency range
47 to 63
47 to 63
Input specifications
Input voltage (V)
3-32
c
c
Drop-out voltage (V c)1
Maximum current at Vmax (mA)
25
Nominal input resistance (k
Ω)
regulated
Characteristics
Operating temperature (°C)
-30 to +80
Storage temperature (°C)
-40 to +100
Input to output insulation voltage (Vrms)
4000
Input/output capacitance (pF)
8
Weight (g)
15
Solid state relays - GA1 and GA8 range
Dimensions (General tolerances +/- 0.5)
GA 1
GA 8
3,8
27,9
3,8
7,6
1,0
20,3
35,6
6,4
9,5
1
2
3+
4
Ø
001738G2
5,9
0,89
43,2
7,6
17,8
30,5
35,5
Ø 1,1
43
2
1
001739G2
2
Part number
Accessory
Example: Solid state relay - GA8 range - 84 065 131 - Fuse Z 084 363
2
1
GA1
GA8
1
Standard products
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com