Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 14Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 15Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 16Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 17Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 18Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
4/51
4
SMOAC24A
84 113 331
24
18 - 32
1
13
2000
240 V a
24 - 280 V c
600 Vpeak
6 mArms
200
3.5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
SMOAC24
84 113 330
24
18 - 32
1
13
2000
120 V a
12 - 140 V a
400 Vpeak
3 mArms
200
3.5 Arms
50 mArms
100 Apeak
1.6
-30 +80
-40 +100
8.33
8.33
4000
8
47 - 63
SMODC24
84 113 430
24
18 - 32
1
13
200
5 - 48 V c
3 - 60 V c
60 V c
10 µA
-
3 A
10 mA
5 A
1.5
-30 +80
-40 +100
0.1
0.75
4000
8
c
1
Dimensions
Dimensions in mm. Tolerance : ± 0.50.
Ø 1,1
1
2
3
4
43,2
7,6
17,8
30,5
35,6
25,4
Plastic clip fitting into
a 2.4 mm hole
To order, specify :
Part number
Example : Output module - SM range - 84 113 310
1
Standard products
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com