Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 36Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
4/17
4
104
81
61
41
21
5,3
12,1
92
6,35
7,62
L1
U
L2
V
A1F
A2
A1R
4 M4 screws
3 M3.5
screws
s
Reverses rotation of three-phase motors
s
Output voltage 24-480 V~
s
Input voltage 3-32 V
c
c
s
Input to output insulation voltage: 100ms
s
Interlock against simultaneous actuation in both directions
s
Back-to-back SCRs
s
Input to output insulation voltage: 5000 V
a
a
s
Protected by RC filter and overvoltage limiter
s
Direction of rotation displayed by 2 green LEDs
To order, specify:
Thermal dissipation curves
Output specifications
Voltage range (Vrms)
24-480
Peak voltage (V peak)
1000
Maximum current (Arms)
25
Minimum current (mArms)
200
Max. 1-cycle surge (A peak)
270
Maximum off-state leakage (mArms)
10
I2T (t=10ms)
365
On-state voltage drop
1.6 Vrms
at Imax and T=25°C
Thermal resistance/Junction to casing (o C/W)
0.2
Static (off-state) dv/dt (V/µs)
500
Supply frequency range (Hz)
47 to 63
Response time (ms)
0.2
Maximum turn-off time (ms)
20
Reversing time (ms)
100
Input specifications
Input voltage (V)
3-32
c
c
Drop-out voltage (V c)1
Max. input current (mA)
20
(input regulated current and limited)
Nominal resistance (+/- 10% at 25°C) (k
Ω)1
Characteristics
Operating temperature (°C)
-20 to +80
Storage temperature (°C)
-40 to +100
Input to output insulation voltage
5000 V a
Breakdown voltage
4000 V a
Input/output capacitance (pF)
8
Material Casing
Self-extinguishing
Baseplate
Aluminium
Weight (g)
455
Solid state three-phase motor reversing relay - GA0 range
Equivalent circuits
Dimensions
(General tolerances +/- 0.5)
Connection
A1F +
A1R +
A2
-
~ L1
~ U
~ L2
~ V
001744G3
50
40
30
20
10
510
15
20
10
25
20 30 40 50 60 70 80
70
80
90
100
110
120
0
0,5
° C
/ W
1° C
/ W
2° C
/ W
3° C / W
No heatsink
GA0 range - 25A
On-state current (A)
Ambient temperature (°C)
L1
L2
U
V
1
2
3
U
V
W
M
L
L
L
Front
Rear
1
2
Standard products
Part number
Accessory
Example: Solid state three-phase motor reversing relay - GA0 range - 84 067 441 - Protective cover - 26 532 797
2
1
Part number
84 067 441
Accessories
Protective cover (see page 4/31)
26 532 797
Heatsink (see page 4/30)
Heat transfer compound (see page 4/32)
18 373 112
DIN rail adaptor (see page 4/31)
26 532 764
Quick-blow fuses (see page 4/32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com