Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 57 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 57 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 53Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 54Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 55Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 56Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 57Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 58Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 59Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 60Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
E5EC/E5EC-B/E5AC
57
E54-CT3 Accessories
• Armature
12 dia.
2.36 dia.
Two, M3 (depth: 4)
40 × 40
30
9
30
8
Filler
(epoxy)
Case
(PBT)
15
40
Approx. 3 dia.
18
(22)
Approx. 6 dia.
Plug
Armature
Lead
E54-CT3
Connection Example
•Plug
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
E54-CT3 or E54-CT3L
Maximum continuous heater current: 120 A (50/60 Hz)
(Maximum continuous heater current for an OMRON
Digital Temperature Controller is 50 A.)
Number of windings:
400±2
Winding resistance:
8±0.8
Ω
Thru-current (Io) A (r.m.s.)
1
10
100mA
1
10
100 1,000A
100V Frequency: 50 Hz
Distortion
factor
10%
3%
1%
1kΩ
100Ω
50Ω
RL=10Ω
500Ω
∞
10
1
100mV
10
1
100μV
10
Filler (epoxy)
Case (PBT)
Cable (AWG18)
12.0
dia.
30
40
8
40
15
100±5
8
Two, M3
(depth: 4)
30
E54-CT3L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com