Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 64 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 60Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 61Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 62Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 63Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 64Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 65Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 66Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 67Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 68Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
E5DC/E5DC-B
64
Alarm Types
Each alarm can be independently set to one of the following 17 alarm types. The default is 2: Upper limit. (See note.)
Auxiliary outputs are allocated to alarms. ON delays and OFF delays (0 to 999 s) can also be specified.
Note: In the default settings for models with HB or HS alarms, alarm 1 is set to a heater alarm (HA) and the Alarm Type 1 parameter is not displayed.
To use alarm 1, set the output assignment to alarm 1.
Set
value
Alarm type
Alarm output operation
Description of function
When alarm value X
is positive
When alarm value X
is negative
0
Alarm function OFF
Output OFF
No alarm
1
Upper- and lower-limit
*1
*2
Set the upward deviation in the set point for the alarm upper
limit (H) and the lower deviation in the set point for the alarm
lower limit (L). The alarm is ON when the PV is outside this
deviation range.
2
(default) Upper-limit
Set the upward deviation in the set point by setting the alarm
value (X). The alarm is ON when the PV is higher than the
SP by the deviation or more.
3
Lower-limit
Set the downward deviation in the set point by setting the
alarm value (X). The alarm is ON when the PV is lower than
the SP by the deviation or more.
4
Upper- and lower-limit
range
*1
*3
Set the upward deviation in the set point for the alarm upper
limit (H) and the lower deviation in the set point for the alarm
lower limit (L). The alarm is ON when the PV is inside this
deviation range.
5
Upper- and lower-limit with
standby sequence
*1
*4
A standby sequence is added to the upper- and lower-limit
alarm (1).
*6
6
Upper-limit with standby
sequence
A standby sequence is added to the upper-limit alarm (2).
*6
7
Lower-limit with standby
sequence
A standby sequence is added to the lower-limit alarm (3).
*6
8
Absolute-value upper-
limit
The alarm will turn ON if the process value is larger than the
alarm value (X) regardless of the set point.
9
Absolute-value lower-limit
The alarm will turn ON if the process value is smaller than the
alarm value (X) regardless of the set point.
10
Absolute-value upper-
limit with standby
sequence
A standby sequence is added to the absolute-value upper-
limit alarm (8).
*6
11
Absolute-value lower-limit
with standby sequence
A standby sequence is added to the absolute-value lower-
limit alarm (9).
*6
12
LBA (alarm 1 type only)
-
*7
13
PV change rate alarm
-
*8
14
SP absolute-value
upper-limit alarm
This alarm type turns ON the alarm when the set point (SP)
is higher than the alarm value (X).
15
SP absolute-value
lower-limit alarm
This alarm type turns ON the alarm when the set point (SP)
is lower than the alarm value (X).
16
MV absolute-value
upper-limit alarm
*9
Standard Control
Standard Control
This alarm type turns ON the alarm when the manipulated
variable (MV) is higher than the alarm value (X).
Heating/Cooling
Control (Heating MV)
Heating/Cooling
Control (Heating MV)
Always ON
17
MV absolute-value
lower-limit alarm
*9
Standard Control
Standard Control
This alarm type turns ON the alarm when the manipulated
variable (MV) is lower than the alarm value (X).
Heating/Cooling
Control (Cooling MV)
Heating/Cooling
Control (Cooling MV)
Always ON
ON
OFF
PV
SP
LH
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
LH
ON
OFF
PV
SP
LH
ON
OFF
PV
*5
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com