Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5DC-RX0ASM-015 Datasheet HTML 1Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 2Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 3Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 4Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 5Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 6Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 7Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
E5GC
5
Specifications
Ratings
* There are up to four event inputs.
Power supply voltage
A in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85 to 110% of rated supply voltage
Power consumption
5.9 VA max. at 100 to 240 VAC, and 3.2 VA max. at 24 VAC or 1.8 W max. at 24 VDC
Sensor input
Temperature input
Thermocouple: K, J, T, E, L, U, N, R, S, B, C/W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor (ES1B): 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Analog input
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min.
(Use a 1:1 connection when connecting the ES2-HB-N/THB-N.)
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Control
output
Relay output
SPST-NO, 250 VAC, 2 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5
V, 10 mA (reference value)
Voltage output
(for driving SSR)
Output voltage 12 VDC
±20% (PNP), max. Load current: 21 mA, with short-circuit protection circuit
Linear current output
4 to 20 mA DC/0 to 20 mA DC, load: 500
Ω max., resolution: Approx. 10,000
Auxiliary
output
Number of outputs
1 or 2 (depends on model)
Output specifications
SPST-NO relay outputs, 250 VAC, 2 A (resistive load),
Electrical life: 100,000 operations, Minimum applicable load: 10 mA at 5 V (reference value)
Event
input
Number of inputs
1 or 2 (depends on model)
External contact input
specifications
Contact input ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input ON: Residual voltage 1.5 V max.; OFF: Leakage current 0.1 mA max.
Current flow: approx. 7 mA per contact
Setting method
Digital setting using front panel keys
Indication method
11-segment digital displays and individual indicators
Character height: PV: 10.5 mm, SV: 5.0 mm
Multi SP
Up to eight set points (SP0 to SP7) can be saved and selected using the event inputs, key operations, or
serial communications.
*
Bank switching
None
Other functions
Manual output, heating/cooling control, loop burnout alarm, SP ramp, other alarm functions, heater
burnout (HB) alarm (including SSR failure (HS) alarm), 40% AT, 100% AT, MV limiter, input digital filter,
self tuning, robust tuning, PV input shift, run/stop, protection functions, extraction of square root, MV
change rate limit, logic operations, temperature status display, simple programming, moving average of
input value, display brightness setting, simple transfer output, and work bit message
Ambient operating temperature
−10 to 55°C (with no condensation or icing), For 3-year warranty: −10 to 50°C with standard mounting (with
no condensation or icing)
Ambient operating humidity
25 to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)
Altitude
2,000 m max.
Recommended fuse
T2A, 250 VAC, time-lag, low-breaking capacity
Installation environment
Overvoltage category II, Pollution Degree 2 (EN/IEC/UL 61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com