Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 81 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 81 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 77Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 78Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 79Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 80Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 81Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 82Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 83Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 84Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 85Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 138 page
background image
E5CC-T
81
Specifications
Ratings
Power supply voltage
A in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85 to 110% of rated supply voltage
Power consumption
7.5 VA max. at 100 to 240 VAC, and 4.1 VA max. at 24 VAC or 2.3 W max. at 24 VDC
Sensor input
Temperature input
Thermocouple: K, J, T, E, L, U, N, R, S, B, C/W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor (ES1B): 10 to 70°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Analog input
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min.
(Use a 1:1 connection when connecting the ES2-HB-N/THB-N.)
Control method
2-PID control (with auto-tuning) or ON/OFF control
Control
output
Relay output
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable load:
5 V, 10 mA (reference value)
Voltage output
(for driving SSR)
Output voltage: 12 VDC
±20% (PNP), max. load current: 21 mA, with short-circuit protection circuit
Linear current output
4 to 20 mA DC/0 to 20 mA DC, load: 500
Ω max., resolution: approx. 10,000
Auxiliary
output
Number of outputs
3
Output specifications
SPST-NO relay outputs, 250 VAC, Models with 3 outputs: 2 A (resistive load), Electrical life: 100,000
operations, Minimum applicable load: 10 mA at 5 V (reference value)
Event input
Number of inputs
2 or 4 (depends on model)
External contact input
specifications
Contact input: ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input: ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Current flow: Approx. 7 mA per contact
Transfer
output
Number of outputs
1 (only on models with a transfer output)
Output specifications
Current output: 4 to 20 mA DC, load: 500
Ω max., resolution: approx. 10,000
Linear voltage output: 1 to 5 VDC, load: 1 k
Ω min., resolution: Approx. 10,000
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators
Character height: PV: 15.2 mm, SV: 7.1 mm
Bank switching
None
Other functions
Manual output, heating/cooling control, loop burnout alarm, other alarm functions, heater burnout (HB)
alarm (including SSR failure (HS) alarm), 40% AT, 100% AT, MV limiter, input digital filter, robust
tuning, PV input shift, protection functions, extraction of square root, MV change rate limit, logic
operations, temperature status display, moving average of input value, and display brightness setting
Ambient operating temperature
−10 to 55°C (with no condensation or icing), For 3-year warranty: −10 to 50°C with standard mounting
(with no condensation or icing)
Ambient operating humidity
25 to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)
Altitude
2,000 m max.
Recommended fuse
T2A, 250 VAC, time-lag, low-breaking capacity
Installation environment
Overvoltage category II, Pollution Degree 2 (EN/IEC/UL 61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com