Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 97 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 97 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 93Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 94Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 95Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 96Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 97Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 98Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 99Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 100Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 101Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
E5EC-T/E5AC-T
97
Model Number Legend and Standard Models
Model Number Legend
Models with Screw Terminal Blocks
E5EC-T
@@ 4 @ 5M -@@@ (Example: E5EC-TRX4A5M-000)
−−−− − − −−−
AB C D E
F
E5AC-T
@@ 4 @ 5M -@@@ (Example: E5AC-TRX4A5M-000)
−−−−− − −−−
AB C D E
F
*1. The options that can be selected depend on the type of control output.
*2. The linear current output cannot be used as a transfer output.
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
If there is no control output 2, an auxiliary output is used as the cooling control output.
If there is a control output 2, the two control outputs are used for heating and cooling.
(It does not matter which output is used for heating and which output is used for cooling.)
B
Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Model
A
B
C
D
E
F
Meaning
Control outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type Options
E5EC-T
48
× 96 mm Programmable Type
E5AC-T
96
× 96 mm Programmable Type
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output
(for driving SSR)
None
*2 CX
Linear current output
None
QQ
Voltage output
(for driving SSR)
Voltage output
(for driving SSR)
QR
Voltage output
(for driving SSR)
Relay output
RR
Relay output
Relay output
*2 CC
Linear current output
Linear current output
*2 CQ
Linear current output
Voltage output
(for driving SSR)
PR
Position-proportional relay
output
Position-proportional
relay output
4
4 (auxiliary outputs 1 and 2 with same common and
auxiliary outputs 3 and 4 with same common)
A
100 to 240 VAC
D
24 VAC/DC
5
Screw terminal blocks (with cover)
Control outputs 1 and 2
M
Universal input
Option
selection
conditions
*1
For RX,
QX, QQ,
QR, RR, or
CQ
For CX or
CC
For PR
HB alarm and
HS alarm
Communications
Event
inputs
Transfer output
Selectable Selectable Selectable
000
---
---
---
---
Selectable Selectable
004
---
RS-485
2
---
Selectable
005
---
---
4
---
Selectable
008
1
RS-485
2
---
Selectable
010
1
---
4
---
Selectable
019
1
---
6
Provided.
Selectable
021
---
---
6
Provided.
Selectable Selectable
022
---
RS-485
4
Provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com