Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 62 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 62 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 58Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 59Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 60Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 61Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 62Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 63Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 64Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 65Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 66Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
E5DC/E5DC-B
62
Specifications
Ratings
*1. This function is not supported by the E5DC-B. Refer to Model Number Legend on page 60.
*2. Only two set points are selectable for event inputs.
*3. Usage is possible for the Digital Temperature Controllers manufactured in July 2014 or later.
Power supply voltage
A in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85 to 110% of rated supply voltage
Power consumption
4.9 VA max. at 100 to 240 VAC, and 2.8 VA max. at 24 VDC or 1.5 W max. at 24 VDC
Sensor input
Temperature input
Thermocouple: K, J, T, E, L, U, N, R, S, B, C/W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor (ES1B): 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Analog input
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min.
(Use a 1:1 connection when connecting the ES2-HB-N/THB-N.)
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Control
output
Relay output
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5
V, 10 mA (reference value)
Voltage output
(for driving SSR)
Output voltage 12 VDC
±20% (PNP), max. Load current: 21 mA, with short-circuit protection circuit
Linear current output
4 to 20 mA DC/0 to 20 mA DC, load: 500
Ω max., resolution: Approx. 10,000
Auxiliary
output
Number of outputs
2 (depends on model)
Output specifications
SPST-NO relay outputs: 250 VAC, 2 A (resistive load),
Electrical life: 100,000 operations, Minimum applicable load: 10 mA at 5 V (reference value)
Event
input
*1
Number of inputs
1 (depends on model)
External contact input
specifications
Contact input ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input ON: Residual voltage 1.5 V max.; OFF: Leakage current 0.1 mA max.
Current flow: approx. 7 mA per contact
Setting method
Digital setting using front panel keys
Indication method
11-segment digital displays and individual indicators
Character height: PV: 8.5 mm, SV: 8.0 mm
Multi SP
Up to eight set points (SP0 to SP7) can be saved and selected using the event inputs, key operations, or
serial communications.
*2
Bank switching
None
Other functions
Manual output, heating/cooling control, loop burnout alarm, SP ramp, other alarm functions, heater
burnout (HB) alarm (including SSR failure (HS) alarm), 40% AT, 100% AT, MV limiter, input digital filter,
self tuning, robust tuning, PV input shift, run/stop, protection functions, extraction of square root, MV
change rate limit, logic operations, temperature status display, simple programming, moving average of
input value, display brightness setting, simple transfer output,
*3 and work bit message *3
Ambient operating temperature
−10 to 55°C (with no condensation or icing), For 3-year warranty: −10 to 50°C with standard mounting (with
no condensation or icing)
Ambient operating humidity
25 to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)
Altitude
2,000 m max.
Recommended fuse
T2A, 250 VAC, time-lag, low-breaking capacity
Installation environment
Overvoltage category II, Pollution Degree 2 (EN/IEC/UL 61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com