Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 58 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 54Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 55Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 56Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 57Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 58Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 59Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 60Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 61Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
58
Digital Temperature Controller
E5DC/E5DC-B
(22.5 mm Wide, and DIN Track-mounting Type)
The E5DC Mounts to DIN Track and
Is Ideal for Connections to HMIs and PLCs.
It provides the Same Easy Operation and
Advanced Performance as the Rest of the
E5
@C Series.
Models with Push-In Plus Terminal Blocks
Added to Lineup.
• A slim body at 85
× 22.5 mm (D × W) that fits into narrow control
panels and mounts to DIN Track.
• Removable terminal block for easy replacement to simplify maintenance.
• Select from models with screw terminal blocks and models with
Push-In Plus terminal blocks for reduced wiring work.
• No need for power supply and communication line wiring when
using connectors with Push-In Plus terminal blocks.
(Maximum connectable units: 16)
• High-speed sampling at 50 ms for applications with high-speed
temperature increases.
• Easy connections to a PLC with programless communications.
• Set up the Controller without wiring the power supply by connecting to
the computer with a Communications Conversion Cable (sold separately).
Setup is easy with the CX-Thermo (sold separately).
• Models are available with up to 2 auxiliary outputs and 1 event input to complete basic functions.
• A white PV display (height: 8.5 mm) is easy to read when setting up,
checking alarms, and making settings in a control panel.
Main I/O Functions
Refer to Safety Precautions on page 122.
Refer to your OMRON website for the most recent
information on applicable safety standards.
*
22.5 mm Wide, and
DIN Track-mounting Type
Models with Screw
Terminal Blocks
E5DC
22.5 mm Wide, and
DIN Track-mounting Type
Models with Push-In Plus
Terminal Blocks
E5DC-B
* CSA conformance
evaluation by UL.
Event Inputs
<E5DC>
<E5DC-B>
• None
• None
• 1
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Linear current output
Auxiliary Outputs
• None
• 2
Dual displays: PV/SV
4-digit displays
• PF (shift) Key
• Temperature status display
• Simple programming
• Changed parameter display
• Display brightness setting
Serial Communications
• None
• RS-485
E5DC/E5DC-B
• Independent heating and
cooling PID control
Sensor Input
Indication Accuracy
• Thermocouple input: ±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Universal input
• Thermocouple
• Pt
• Analog current/voltage
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@C Digital Temperature Controllers User’s Manual (Cat. No. H174)
E5
@C Digital Temperature Controllers Communications Manual (Cat. No. H175)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com