Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 71 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 71 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 67Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 68Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 69Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 70Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 71Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 72Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 73Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 74Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 75Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
E5DC/E5DC-B
71
Dimensions
(Unit: mm)
Controllers
22.7 +0.3
0
120 min
Mounted Separately
Two-Unit Mounting
Group Mounted
92 +0.8
0
45 +0.6
0
92 +0.8
0
92 +0.8
0
(22.5
× number of units) +1.0
0
96
(85)
81
35
22.5
22.5
4
Mounting Adapter
(Y92F-53)(Order separately)
+1.15
-0.2
90
Terminal Unit (E5DC-SCT1S)
110
+1.15
-0.2
4
90
E5DC
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction. (Maintain the specified mounting space between Controllers.)
• When two or more Digital Temperature Controllers are mounted, make sure that the surrounding temperature does
not exceed the allowable operating temperature specified in the specifications.
The above figure shows the
Terminal Unit attached to
the Main Unit.
4
86
(90)
110
(6.5)
96
22.5
(6.5)
22.5
+1.15
-0.2
90
+1.15
-0.2
4
35
90
Push-In Plus Terminal Unit
(E5DC-SCT1B)
Mounting Adapter
(Y92F-53)(Order separately)
E5DC-B
The above figure shows the
Push-In Plus Terminal Unit
attached to the Main Unit.
• Setup Tool ports are provided as standard feature. Use these ports to connect a computer to the Digital Temperature
Controller. The E58-CIFQ2 USB-Serial Conversion Cable is required to connect to the port on the bottom panel. The
E58-CIFQ2 USB-Serial Conversion Cable and E58-CIFQ2-E Communications Conversion Cable are required to con-
nect to the port on the front panel. (You cannot leave either port connected constantly during operation.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com