Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 67 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 67 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 63Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 64Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 65Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 66Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 67Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 68Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 69Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 70Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 71Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
E5DC/E5DC-B
67
USB-Serial Conversion Cable
Windows is a registered trademark of Microsoft Corporation in the
United States and or other countries.
*1. CX-Thermo version 4.65 or higher runs on Windows 10.
*2. Use a high-power port for the USB port.
Note: A driver must be installed on the computer. Refer to the Instruction
Manual
included with the Cable for the installation procedure.
Communications Specifications
* The baud rate, data bit length, stop bit length, and vertical parity can
be individually set using the Communications Setting Level.
Communications Functions
MELSEC is a registered trademark of Mitsubishi Electric Corporation.
KEYENCE is a registered trademark of Keyence Corporation.
*1. A Temperature Controller with version 2.1 or higher is required for
the FX Series or the KV Series.
*2. Both the programless communications and the component
communications support the copying.
Current Transformer (Order Separately)
Ratings
Heater Burnout Alarms and SSR Failure
Alarms
*1. For heater burnout alarms, the heater current will be measured
when the control output is ON, and the output will turn ON if the
heater current is lower than the set value (i.e., heater burnout
detection current value).
*2. For SSR failure alarms, the heater current will be measured when
the control output is OFF, and the output will turn ON if the heater
current is higher than the set value (i.e., SSR failure detection
current value).
*3. The value is 30 ms for a control period of 0.1 s or 0.2 s.
*4. The value is 35 ms for a control period of 0.1 s or 0.2 s.
Electrical Life Expectancy Curve for
Control Output Relay (Reference Values)
Applicable OS
Windows XP/Vista/7/8/10
*1
Applicable software CX-Thermo version 4.6 or higher
Applicable models
E5
@C-T Series, E5@C Series, and E5CB Series
USB interface standard Conforms to USB Specification 2.0
DTE speed
38,400 bps
Connector
specifications
Computer: USB (Type A plug)
Digital Temperature Controller: Special
serial connector
Power supply
Bus power (Supplied from the USB host controller)
*2
Power supply voltage 5 VDC
Current consumption 450 mA max.
Output voltage
4.7
±0.2 VDC (Supplied from USB-Serial
Conversion Cable to the Digital Temperature
Controller.)
Output current
250 mA max. (Supplied from USB-Serial
Conversion Cable to the Digital Temperature
Controller.)
Ambient operating
temperature
0 to 55
°C (with no condensation or icing)
Ambient operating
humidity
10% to 80%
Storage temperature
−20 to 60°C (with no condensation or icing)
Storage humidity
10% to 80%
Altitude
2,000 m max.
Weight
Approx. 120 g
Transmission line
connection method
RS-485: Multidrop
Communications
RS-485 (two-wire, half duplex)
Synchronization method
Start-stop synchronization
Protocol
CompoWay/F, or Modbus
Baud rate
*
9,600, 19,200, 38,400, or 57,600 bps
Transmission code
ASCII
Data bit length
*
7 or 8 bits
Stop bit length
*
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Block check character (BCC)
with CompoWay/F or
CRC-16 with Modbus
Flow control
None
Interface
RS-485
Retry function
None
Communications buffer
217 bytes
Communications
response wait time
0 to 99 ms
Default: 20 ms
Programless
communica-
tions
*1
You can use the memory in the PLC to read and write
E5
@C parameters, start and stop operation, etc.
The E5
@C automatically performs communications with
PLCs. No communications programming is required.
Number of connected Digital Temperature
Controllers: 32 max. (Up to 16 for the FX Series)
Applicable PLCs
OMRON PLCs
CS Series, CJ Series, CP
Series, NJ Series, or NX1P
Mitsubishi Electric PLCs MELSEC Q Series, L Series,
FX3 Series, or iQ-R Series
KEYENCE PLCs
KEYENCE KV Series
Component
Communi-
cations
*1
When Digital Temperature Controllers are connected,
set points and RUN/STOP commands can be sent
from the Digital Temperature Controller that is set as
the master to the Digital Temperature Controllers that
are set as slaves.
Slope and offsets can be set for the set point.
Number of connected Digital Temperature
Controllers: 32 max. (including master)
Copying
*2
When Digital Temperature Controllers are connected,
the parameters can be copied from the Digital
Temperature Controller that is set as the master to the
Digital Temperature Controllers that are set as slaves.
E54-CT1
E54-CT3
E54-CT1L
E54-CT3L
Dielectric strength 1,000 VAC for 1 min
1,500 VAC for 1 min
Vibration resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g
E54-CT3: Approx. 50 g
E54-CT1L: Approx. 14 g
E54-CT3L: Approx. 57 g
Accessories
E54-CT3 Only
Armatures (2)
Plugs (2)
None
CT input (for heater
current detection)
Models with detection for single-phase
heaters: One input
Maximum heater current 50 A AC
Input current
indication accuracy
±5% FS ±1 digit max.
Heater burnout alarm
setting range
*1
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection ON time: 100 ms
*3
SSR failure alarm setting
range
*2
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection OFF time: 100 ms
*4
500
300
100
50
30
10
5
3
1
0
12345
6
Switching current (A)
E5DC/E5DC-B
250 VAC, 30 VDC
(resistive load)
cosφ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com