Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 34Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 35Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 36Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 37Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 38Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 39Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 40Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 41Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
E5CC/E5CC-B/E5CC-U
38
E5CC-U Wiring Socket
Front-connecting Socket
P2CF-11
Back-connecting Socket
P3GA-11
Watertight Cover
Y92A-48N
Mounting Adapter
Y92F-49
Protective Cover
Protective Cover
Y92A-48H
67.6
69
12
21.9 14
(2)
79.2
87.7
The Mounting Adapter is provided with the
Temperature Controller.
Order the Mounting Adapter separately if it
becomes lost or damaged.
This Protective Cover is soft type.
It is able to operate the controller with using
this cover.
Y92A-48D
Note: This Protective Cover cannot be used
if the Waterproof Packing is installed.
This Protective Cover is hard type.
Please use it for the mis-operation
prevention etc.
40±0.2
4.5
5
6
7
8
4
3
2
1
9
10 11
70 max.
4
Eleven, M3.5
× 7.5
sems screws
7.8
Two,
4.5-dia.
holes
50 max.
3
31.2 max.
35.4
Mounting Holes
Terminal Layout/Internal Connections
(Top View)
Two, 4.5 dia. mounting holes
Note: 1. A model with finger protection (P2CF-11-E) is also available.
2. You cannot use the P2CF-11 or P2CF-11-E together with the Y92F-45.
Note: Can also be mounted
to a DIN track
5 6 7 8
4
3
2
9
10
11
1
25.6
27dia.
45
45
4.5 16.3 6.2
47
3
8.7
6
Terminal Layout/Internal Connections
(Bottom View)
Eleven, M3.5
sems screws
Note: 1. Using any other sockets will adversely affect accuracy. Use only the specified sockets.
2. A Protective Cover for finger protection (Y92A-48G) is also available.
3. You cannot use the P3GA-11 together with the Y92F-45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com