Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 45Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 46Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 47Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 48Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 49Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 50Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 51Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 52Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
E5EC/E5EC-B/E5AC
49
USB-Serial Conversion Cable
Windows is a registered trademark of Microsoft Corporation in the
United States and or other countries.
*1. CX-Thermo version 4.65 or higher runs on Windows 10.
*2. Use a high-power port for the USB port.
*3. CX-Thermo version 4.67 or higher is required for the E5CC-B
linear current output type.
Note: A driver must be installed on the computer. Refer to the Instruction
Manual
included with the Cable for the installation procedure.
Communications Specifications
* The baud rate, data bit length, stop bit length, and vertical parity can
be individually set using the Communications Setting Level.
Communications Functions
MELSEC is a registered trademark of Mitsubishi Electric Corporation.
KEYENCE is a registered trademark of Keyence Corporation.
*1. A Temperature Controller with version 1.1 or higher is required.
A Temperature Controller with version 2.1 or higher is required for
the FX Series or the KV Series.
*2. Both the programless communications and the component
communications support the copying.
Current Transformer (Order Separately) Ratings
Heater Burnout Alarms and SSR Failure Alarms
*1. For heater burnout alarms, the heater current will be measured
when the control output is ON, and the output will turn ON if the
heater current is lower than the set value (i.e., heater burnout
detection current value).
*2. For SSR failure alarms, the heater current will be measured when the
control output is OFF, and the output will turn ON if the heater current
is higher than the set value (i.e., SSR failure detection current value).
*3. The value is 30 ms for a control period of 0.1 s or 0.2 s.
*4. The value is 35 ms for a control period of 0.1 s or 0.2 s.
Electrical Life Expectancy Curve for
Control Output Relays (Reference Values)
Applicable OS
Windows XP/Vista/7/8/10
*1
Applicable software
E5EC/E5AC:CX-Thermo version 4.5 or higher
E5EC-B:CX-Thermo version 4.65 or higher
*3
Applicable models
E5
@C-T Series, E5@C Series, and E5CB Series
USB interface standard Conforms to USB Specification 2.0.
DTE speed
38,400 bps
Connector
specifications
Computer: USB (type A plug)
Digital Temperature Controller:
Special serial connector
Power supply
Bus power (Supplied from USB host controller.)
*2
Power supply voltage 5 VDC
Current consumption 450 mA max.
Output voltage
4.7
±0.2 VDC
(Supplied from USB-Serial Conversion Cable
to the Digital Temperature Controller.)
Output current
250 mA max.
(Supplied from USB-Serial Conversion Cable
to the Digital Temperature Controller.)
Ambient operating
temperature
0 to 55°C (with no condensation or icing)
Ambient operating
humidity
10% to 80%
Storage temperature -20 to 60°C (with no condensation or icing)
Storage humidity
10% to 80%
Altitude
2,000 m max.
Weight
Approx. 120 g
Transmission line
connection method
RS-485: Multidrop
Communications
RS-485 (two-wire, half duplex)
Synchronization method Start-stop synchronization
Protocol
CompoWay/F, or Modbus
Baud rate
*
9600, 19200, 38400, or 57600 bps
Transmission code
ASCII
Data bit length
*
7 or 8 bits
Stop bit length
*
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Block check character (BCC) with
CompoWay/F or CRC-16 Modbus
Flow control
None
Interface
RS-485
Retry function
None
Communications buffer 217 bytes
Communications
response wait time
0 to 99 ms
Default: 20 ms
Programless
communications
*1
You can use the memory in the PLC to read and write
E5
@C parameters, start and stop operation, etc. The
E5
@C automatically performs communications with
PLCs. No communications programming is required.
Number of connected Digital Temperature Controllers:
32 max. (Up to 16 for the FX Series)
Applicable PLCs
OMRON PLCs
CS Series, CJ Series, CP Series,
NJ Series, or NX1P
Mitsubishi Electric PLCs
MELSEC Q Series, L Series, FX3 Series,
or iQ-R Series
KEYENCE PLCs
KEYENCE KV Series
Component
Communications
*1
When Digital Temperature Controllers are
connected, set points and RUN/STOP
commands can be sent from the Digital
Temperature Controller that is set as the
master to the Digital Temperature
Controllers that are set as slaves.
Slope and offsets can be set for the set point.
Number of connected Digital Temperature
Controllers: 32 max. (including master)
Copying
*2
When Digital Temperature Controllers are
connected, the parameters can be copied
from the Digital Temperature Controller that is
set as the master to the Digital Temperature
Controllers that are set as slaves.
E54-CT1
E54-CT3
E54-CT1L
E54-CT3L
Dielectric strength 1,000 VAC for 1 min
1,500 VAC for 1 min
Vibration resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g
E54-CT3: Approx. 50 g
E54-CT1L: Approx. 14 g
E54-CT3L: Approx. 57 g
Accessories
E54-CT3 Only
Armatures (2)
Plugs (2)
None
CT input (for heater
current detection)
Models with detection for singlephase
heaters: One input
Models with detection for singlephase or
three-phase heaters: Two inputs
Maximum heater
current
50 A AC
Input current
indication accuracy
±5% FS ±1 digit max.
Heater burnout alarm
setting range
*1
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection ON time: 100 ms
*3
SSR failure alarm
setting range
*2
0.1 to 49.9 A (in units of 0.1 A)
Minimum detection OFF time: 100 ms
*4
500
300
100
50
30
10
5
3
1
0
1
2
3
4
5
6
Switching current (A)
E5EC/E5EC-B/E5AC
250 VAC, 30 VDC
(resistive load)
cosφ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com