Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 86 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 86 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 82Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 83Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 84Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 85Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 86Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 87Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 88Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 89Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 90Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 138 page
background image
E5CC-T
86
Program Control
Number of programs (patterns)
8
Number of segments (steps)
32
Segment setting method
Time setting (Segment set with set point and time.)
Slope setting (Segment set with segment type, set point, slope, and time.)
Segment times
0 h 0 min to 99 h 59 min
0 min 0 s to 99 min 59 s
Alarm setting
Set separately for each program.
Reset operation
Select either stopping control or fixed SP operation.
Startup operation
Select continuing, resetting, manual operation, or run mode.
PID sets
Number of sets
8
Setting method
Set separately for each program (automatic PID group selection also supported).
Alarm SP function
Select from ramp SP and target SP.
Program status control
Segment operation Advance, segment jump, hold, and wait
Program operation
Program repetitions and program links
Wait operation
Wait method
Waiting at segment ends
Wait width setting
Same wait width setting for all programs
Time signals
Number of outputs
2
Number of ON/OFF
Operations
1 each per output
Setting method
Set separately for each program.
Program status output
Program end output (pulse width can be set), run output, stage output
Program startup operation
PV start
Select from segment 1 set point, slope-priority PV start
Standby
0 h 0 min to 99 h 59 min
0 day 0 h to 99 day 23h
Operation end operation
Select from resetting, continuing control at final set point, and fixed SP control.
Program SP shift
Same program SP shift for all programs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com