Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 17Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 18Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 19Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 20Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 21Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 22Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 23Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 24Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
E5CC/E5CC-B/E5CC-U
21
Model Number Legend
Plug-in Models
E5CC-
@@ @ @ U M -000
(Example: E5CC-RW0AUM-000)
AB C D E
F
* The control output can be used as a simple transfer output for the Digital Temperature Controllers manufactured in May 2014 or later.
List of Models
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
An auxiliary output is used as the cooling control output.
B
Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Model
A
B
C
D
E
F
Meaning
Control
outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5CC
48
× 48 mm
Control output 1
Control output 2
RW
Relay output (SPDT)
None
QX
Voltage output (for driving SSR)
None
CX
Linear current output
*
None
0
None
1
1
2
2 (one common)
A
100 to 240 VAC
D
24 VAC/DC
U
Plug-in model
M
Universal input
HB alarm and HS
alarm
Communi-
cations
Event inputs Remote SP
Input
Transfer
output
000
---
---
---
---
---
Control output
No. of auxiliary
outputs
Options
Model
Model
HB alarm and
HS alarm
No. of event
inputs
Communications
Power supply voltage
Power supply voltage
100 to 240 VAC
24 VAC/DC
Relay output
---
---
---
---
E5CC-RW0AUM-000
E5CC-RW0DUM-000
1
E5CC-RW1AUM-000
E5CC-RW1DUM-000
2
E5CC-RW2AUM-000
E5CC-RW2DUM-000
Voltage output
(for driving SSR)
---
---
---
---
E5CC-QX0AUM-000
E5CC-QX0DUM-000
1
E5CC-QX1AUM-000
E5CC-QX1DUM-000
2
E5CC-QX2AUM-000
E5CC-QX2DUM-000
Linear current
output
---
---
---
---
E5CC-CX0AUM-000
E5CC-CX0DUM-000
1
E5CC-CX1AUM-000
E5CC-CX1DUM-000
2
E5CC-CX2AUM-000
E5CC-CX2DUM-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com