Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 100 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 100 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 96Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 97Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 98Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 99Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 100Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 101Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 102Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 103Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 104Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
E5EC-T/E5AC-T
100
Input Ranges
Thermocouple/Platinum Resistance Thermometer (Universal inputs)
Shaded settings are the default settings.
The applicable standards for the input types are as follows:
K, J, T, E, N, R, S, B: JIS C 1602-2015, IEC 60584-1
JPt100: JIS C 1604-1989, JIS C 1606-1989
L: Fe-CuNi, DIN 43710-1985
Pt100: JIS C 1604-1997, IEC 60751
U: Cu-CuNi, DIN 43710-1985
PL II: According to Platinel II electromotive force charts from BASF (previously Engelhard)
C/W: W5Re/W26Re, JIS C 1602-2015, ASTM E988-1990
Analog input
Sensor
type
Platinum resistance
thermometer
Thermocouple
Infrared temperature
sensor
Sensor
specification
Pt100
JPt100
K
J
T
E
L
U
N
R
S
B
C/W PLII
10 to
70°C
60 to
120°C
115 to
165°C
140 to
260°C
2300
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
-100
-200
2300
1800
1700
1700
1300
1300
1300
850
850
850
600
500.0
500.0
500.0
400.0
400
400.0
400
400.0
260
120
165
100.0
100.0
90
100
0.0
0.0
00
000000
-20.0
-100
-20.0
-100
-200
-199.9
199.9
-200
-200
-199.9
-200
-200
-199.9
-200
Set value
01234
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Input type
Current
Voltage
Input
specification
4 to 20 mA 0 to 20 mA
1 to 5 V
0 to 5 V
0 to 10 V
Setting range
Usable in the following ranges by scaling:
-1999 to 9999, -199.9 to 999.9,
-19.99 to 99.99 or -1.999 to 9.999
Set value
25
26
27
28
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com