Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 121 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 121 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 117Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 118Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 119Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 120Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 121Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 122Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 123Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 124Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 125Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
E5
@C/E5@C-T
121
Error Displays (Troubleshooting)
When an error occurs, the No. 1 display or No. 2 display shows the error code.
Take necessary measure according to the error code, referring the following table.
Display
Name
Meaning
Action
Operation
s.err
Input error
The input value exceeded the control
range.*
The input type is not set correctly.
The sensor is disconnected or short-
circuited.
The sensor is not wired correctly.
The sensor is not wired.
* Control Range
Temperature resistance
thermometer or thermocouple input:
SP Lower Limit - 20°C to SP Upper
Limit + 20°C
(SP Lower Limit - 40°F to SP Upper
Limit + 40°F)
ESIB input:
Same as specified input range.
Analog input:
Scaling range -5% to 105%
Check the wiring for input to be sure
it is wired correctly, not broken, and
not shorted. Also check the input
type.
If there are no problems in the wiring
or input type settings, cycle the
power supply.
If the display remains the same,
replace the Digital Temperature
Controller.
If the display is restored to normal,
then the probable cause is external
noise affecting the control system.
Check for external noise.
Note: For a temperature resistance
thermometer, the input is
considered disconnected if
the A, B, or B’ line is broken.
After the error occurs and it is
displayed, the alarm output will operate
as if the upper limit was exceeded.
It will also operate as if transfer
output exceeded the upper limit.
If an input error is assigned to a
control output or auxiliary output, the
output will turn ON when the input
error occurs.
The error message will appear in the
display for the PV.
Note: 1. The heating and cooling
control outputs will turn OFF.
2. When the manual MV, MV
at stop, MV at reset, or MV
at error is set, the control
output is determined by the
set value.
[[[[
Display
range
exceeded
Below -1,999
This is not an error. It
is displayed when the
control range is wider
than the display range
and the PV exceeds
the display range.
The PV is displayed
for the range that is
given on the left (the
number without the
decimal point).
-
Control continues and operation is
normal.
The value will appear in the display
for the PV.
Refer to the E5
@C Digital Temperature
Controllers User’s Manual (Cat. No.
H174) or the E5
@C-T Digital
Temperature Controllers
Programmable Type User’s Manual
(Cat. No. H185) for information on the
controllable range.
]]]]
Above 9,999
e333
A/D
converter
error
There is an error in the internal
circuits.
After checking the input error, turn
the power OFF then back ON again.
If the display remains the same, the
controller must be repaired.
If the display is restored to normal,
then a probable cause can be
external noise affecting the control
system. Check for external noise.
The control outputs, auxiliary
outputs, and transfer outputs turn
OFF. (A current output will be approx.
0 mA and a linear voltage output will
be approx. 0V.)
e111
Memory
error
There is an error in the internal
memory operation.
First, cycle the power supply.
If the display remains the same, the
controller must be repaired.
If the display is restored to normal,
then a probable cause can be
external noise affecting the control
system. Check for external noise.
The control outputs, auxiliary
outputs, and transfer outputs turn
OFF. (A current output will be approx.
0 mA and a linear voltage output will
be approx. 0V.)
ffff
Overcurrent
This error is displayed when the peak
current exceeds 55.0 A.
-
Control continues and operation is
normal.
The error message will appear for the
following displays.
Heater Current Value 1 Monitor
Heater Current Value 2 Monitor
Leakage Current Value 1 Monitor
Leakage Current Value 2 Monitor
ct1
ct2
lcr1
lcr2
HB or HS
alarm
If there is a HB or HS alarm, the No.
1 display will flash in the relevant
setting level.
-
The No. 1 display for the following
parameter flashes in Operation Level
or Adjustment Level.
Heater Current Value 1 Monitor
Heater Current Value 2 Monitor
Leakage Current Value 1 Monitor
Leakage Current Value 2 Monitor
However, control continues and
operation is normal.
----
Potentiometer
Input Error
(Position-
proportional
Models Only)
"----" will be displayed for the Valve
Opening Monitor parameter if any of
the following error occurs.
• Motor calibration has not been
performed.
• The wiring of the potentiometer is
incorrect or broken.
• The potentiometer input value is
incorrect (e.g., the input is out of
range or the potentiometer has
failed).
Check for the above errors.
Close control: The control output is
OFF or the value that is set for the
MV at PV Error parameter is output.
Floating control: Operation will be
normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com