Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5DC-RX0ASM-015 Datasheet(PDF) 134 Page - Omron Electronics LLC

Part # E5DC-RX0ASM-015
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX0ASM-015 Datasheet(HTML) 134 Page - Omron Electronics LLC

Back Button E5DC-RX0ASM-015 Datasheet HTML 130Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 131Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 132Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 133Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 134Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 135Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 136Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 137Page - Omron Electronics LLC E5DC-RX0ASM-015 Datasheet HTML 138Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 134 / 138 page
background image
E5
@C/E5@C-T
134
2. Removing Wires from the Push-In Plus Terminal Block
Use the following procedure to remove wires from the terminal block.
The same method is used to remove stranded wires, solid wires, and
ferrules.
1. Hold a flat-blade screwdriver at an angle and insert it into the
release hole.
2. With the flat-blade screwdriver still inserted into the release hole,
remove the wire from the terminal insertion hole.
3. Remove the flat-blade screwdriver from the release hole.
3. Recommended Ferrules and Crimp Tools
Recommended ferrules
Note: 1. Make sure that the outer diameter of the wire coating is
smaller than the inner diameter of the insulation sleeve of
the recommended ferrule.
2. Make sure that the ferrule processing dimensions conform
to the following figures.
Recommended Flat-blade Screwdriver
Use a flat-blade screwdriver to connect and remove wires.
Use the following flat-blade screwdriver.
The following table shows manufacturers and models as of 2015/Dec.
* OMRON's exclusive purchase model XW4Z-00B is available to
order as SZF 0-0,4 x 2,5 (manufactured by Phoenix Contact).
Applicable wire
Ferrule
Con-
ductor
length
(mm)
Recommended ferrules
mm2
AWG
Manufactured
by Phoenix
Contact
Manufactured
by
Weidmuller
Manufactured
by Wago
0.25
24
8 AI0.25-8
H0.25/12
FE-0.25-8N-YE
0.34
22
8 AI0.34-8
H0.34/12
FE-0.34-8N-TQ
0.5
20
8 AI0.5-8
H0.5/14
FE-0.5-8N-WH
0.75
18
8 AI0.75-8
H0.75/14
FE-0.75-8N-GY
1
18
8 AI1-8
H1.0/14
FE-1.0-8N-RD
1.5
16
8 AI1.5-8
H1.5/14
FE-1.5-8N-BK
Recommended crimp tool
CRIMPFOX6
CRIMPFOX6T-F
CRIMPFOX10S
PZ6 roto
Variocrimp4
10 to 15°
Flat-blade screwdriver
(1)
(2)
(3)
E5CC-B/EC-B
∗
Side view
of the product
∗ Side view of the product
Flat-blade
screwdriver
E5DC-B
(1)
(2)
(3)
10 to 15°
30°
2.1 mm max.
2.7 mm max.
8 mm
Model
Manufacturer
ESD 0,40
✕2,5
Wera
SZS 0,4
✕2,5
SZF 0-0,4
✕2,5
*
Phoenix Contact
0.4
✕2.5✕75 302
Wiha
AEF.2,5
✕75
Facom
210-719
Wago
SDIS 0.4
✕2.5✕75
Weidmuller
9900 (-2.5
✕75)
Vessel
Front
Side
0.4 mm
2.5 mm dia.
2.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com