Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 3Page - STMicroelectronics TDA7418TR Datasheet HTML 4Page - STMicroelectronics TDA7418TR Datasheet HTML 5Page - STMicroelectronics TDA7418TR Datasheet HTML 6Page - STMicroelectronics TDA7418TR Datasheet HTML 7Page - STMicroelectronics TDA7418TR Datasheet HTML 8Page - STMicroelectronics TDA7418TR Datasheet HTML 9Page - STMicroelectronics TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TDA7418
Pin description
7/29
2
Pin description
2.1
Connection diagram
Figure 2.
Pin out
2.2
Pin list
SE3L
SE3R
SE2L
SE2R
SE1L
DIFFL
SE1R
DIFFG
DIFFR
OUTSW
OUTRF
OUTRR
OUTLF
OUTLR
MUTE/MUXOUT
SCL
SDA
VDD
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
CREF
GND
AC00058
Table 2.
Pin list
No.
Pin Name
Description
I/O
1
SE3L
Single-ended input 3 left channel
I
2
SE3R
Single-ended input 3 right channel
I
3
SE2L
Single-ended input 2 left channel
I
4
SE2R
Single-ended input 2 right channel
I
5
SE1L
Single-ended input 1 left channel
I
6
SE1R
Single-ended input 1 Right channel
I
7
DIFFL
Pseudo differential stereo input left
I
8
DIFFG
Pseudo differential stereo input common
I
9
DIFFR
Pseudo differential stereo input right
I
10
CREF
Reference capacitor
O
11
GND
Ground
S
12
OUTSW
Subwoofer output
O
13
OUTRF
Front right output
O
14
OUTRR
Rear right output
O
15
OUTLR
Rear left output
O
16
OUTLF
Front left output
O
17
MUTE / MUXOUT
External mute pin / Mux output
I
18
SCL
I2C bus clock
I
19
SDA
I2C bus data
I/O
20
VDD
Supply
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com