Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics TDA7418TR Datasheet HTML 18Page - STMicroelectronics TDA7418TR Datasheet HTML 19Page - STMicroelectronics TDA7418TR Datasheet HTML 20Page - STMicroelectronics TDA7418TR Datasheet HTML 21Page - STMicroelectronics TDA7418TR Datasheet HTML 22Page - STMicroelectronics TDA7418TR Datasheet HTML 23Page - STMicroelectronics TDA7418TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
I2C Bus specification
TDA7418
20/29
5
I2C Bus specification
5.1
Interface protocol
The interface protocol comprises:
–
a start condition (S)
–
a chip address byte (the LSB determines read/write transmission)
–
a subaddress byte
–
a sequence of data (N-bytes + acknowledge)
–
a stop condition (P)
–
the max. clock speed is 500kbits/s
5.1.1
Receive mode
S =
Start
R/W = "0" -> Receive Mode (Chip can be programmed by
μP)
"1" -> Transmission Mode (Data could be received by
μP)
ACK = Acknowledge
P =
Stop
TS = Testing mode
AZ = Auto zero remain
AI =
Auto increment
5.1.2
Transmission mode
SM = Soft mute activated for main channel
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chip address.
5.1.3
Reset condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 2.5V. After that the
following data is written automatically into the registers of all subaddresses:
S
1
0
0
0
1
0
0
R/W
ACK
TS
AZ
AI
A4
A3
A2
A1
A0
ACK
DATA
ACK
P
S
1
0
0
0
1
0
0
R/W
ACK
X
X
XXXXX
SM
ACK
P
Table 5.
Registers of all subaddresses
MSB
LSB
11
111
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com