Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics TDA7418TR Datasheet HTML 13Page - STMicroelectronics TDA7418TR Datasheet HTML 14Page - STMicroelectronics TDA7418TR Datasheet HTML 15Page - STMicroelectronics TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics TDA7418TR Datasheet HTML 18Page - STMicroelectronics TDA7418TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TDA7418
Description of the audioprocessor
15/29
4.5
SoftStep-volume
When the volume-level is changed audible clicks could appear at the output. The root cause
of those clicks
could either be a DC-Offset before the volume-stage or the sudden change of the envelope
of the audiosignal. With the SoftStep-feature both kinds of clicks could be reduced to a
minimum and are no more audible.
Eight programmable softstep time from one step to the next are user selectable.
Figure 8.
SoftStep-Timing
1.
For steps more than 1dB the SoftStep mode should be deactivated because it could generate 1dB error
step during the blend-time.
4.6
Bass
There are four parameters programmable in the bass stage:
4.6.1
Attenuation
Figure 9 shows the attenuation as a function of frequency at a center frequency of 80Hz.
Figure 9.
Bass Control @ fC = 80Hz, Q = 1
1dB
0.5dB
-0.5dB
-1dB
Time
D00AU1170
VOUT
SS Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com