Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 15Page - STMicroelectronics TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics TDA7418TR Datasheet HTML 18Page - STMicroelectronics TDA7418TR Datasheet HTML 19Page - STMicroelectronics TDA7418TR Datasheet HTML 20Page - STMicroelectronics TDA7418TR Datasheet HTML 21Page - STMicroelectronics TDA7418TR Datasheet HTML 22Page - STMicroelectronics TDA7418TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TDA7418
Description of the audioprocessor
19/29
4.11
MUX output
It provides a mono signal output (before tone filters) at mute/mux pin, used for external level
meter / spectrum analyzer.
The mute pin can be configured as MUX output (I2C Byte13_D7D1). When it is configured
as MUX output, the output voltage is (InGainL+InGainR)/2 with -3dB attenuation.
Figure 18.
Mux output configuration
4.12
Audioprocessor testing
In the test mode, which can be activated by setting bit D7 of the IIC subaddress byte and bit
D0 of the testing audioprocessor byte, several internal signals are available at the SE2R pin.
In this mode, the input resistance of 100kOhm is disconnected from the pin. Internal signals
available for testing are listed in the data-byte specification.
+
InGainL
InGainR
MUTE/MUX = (InGainL+InGainR)/2 * (-3dB)
AC00059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com