Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics TDA7418TR Datasheet HTML 13Page - STMicroelectronics TDA7418TR Datasheet HTML 14Page - STMicroelectronics TDA7418TR Datasheet HTML 15Page - STMicroelectronics TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics TDA7418TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Description of the audioprocessor
TDA7418
14/29
4.3.3
Low & High frequency boost
Figure 6 shows the different Loudness shapes in low & high frequency boost.
Figure 6.
Loudness Attenuation, fc = 2.4kHz
4.3.4
Flat mode
In flat mode the loudness stage works as a 0dB to -15dB attenuator.
4.4
SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C-bus
programmable slope. The mute process can either be activated by the SoftMute pin or by
the I2C-bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (see Figure 7).
For timing purposes the Bit0 of the I2C-bus output register is set to 1 from the start of muting
until the end of demuting.
Figure 7.
Softmute-Timing
1.
Please notice that a started Mute-action is always terminated and could not be interrupted by a change of
the mute-signal
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com