Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 7Page - STMicroelectronics TDA7418TR Datasheet HTML 8Page - STMicroelectronics TDA7418TR Datasheet HTML 9Page - STMicroelectronics TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics TDA7418TR Datasheet HTML 13Page - STMicroelectronics TDA7418TR Datasheet HTML 14Page - STMicroelectronics TDA7418TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TDA7418
Electrical specification
11/29
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUDIO OUTPUTS
VCL
Clipping level
d = 0.3%
1.8
2
VRMS
ROUT
Output impedance
30
100
Ω
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitor
10
nF
VDC
DC Voltage Level
3.8
4.0
4.2
V
SUBWOOFER ATTENUATOR
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
-84
-79
-74
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
-5
0.1
5
mV
GENERAL
eNO
Output Noise
BW=20Hz to 20 kHz all gain =
0dB
12
20
μV
S/N
Signal to Noise Ratio
all gain = 0dB flat; Vo=2VRMS
100
dB
DDistortion
VIN=1VRMS; all stages 0dB
0.005
0.100
%
SC
Channel Separation left/right
80
90
dB
1.
Min. and max. values are calculated according to simulation results; functionality is guaranteed by measuring a directly
correlated parameter.
Table 4.
Electrical characteristics (continued)
VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com