Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 14Page - STMicroelectronics TDA7418TR Datasheet HTML 15Page - STMicroelectronics TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics TDA7418TR Datasheet HTML 18Page - STMicroelectronics TDA7418TR Datasheet HTML 19Page - STMicroelectronics TDA7418TR Datasheet HTML 20Page - STMicroelectronics TDA7418TR Datasheet HTML 21Page - STMicroelectronics TDA7418TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Description of the audioprocessor
TDA7418
18/29
4.8
Treble
There are two parameters programmable in the treble stage:
4.8.1
Attenuation
Figure 16 shows the attenuation as a function of frequency at a center frequency of
17.5kHz.
Figure 16.
Treble Control @ fC = 17.5kHz
4.8.2
Center frequency
Figure 17 shows the four possible center frequencies 10k, 12.5k, 15k and 17.5kHz.
Figure 17.
Treble Center Frequencies @ Gain = 14dB
4.9
Speaker attenuator
The four speakers have independent soft step speaker controls. And their attenuators can
be adjusted from +15dB to -79dB with 1dB steps.
4.10
Subwoofer attenuator
The Subwoofer output is a single ended mono output. The attenuator is exactly the same
like the other speakers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com