Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 18Page - STMicroelectronics TDA7418TR Datasheet HTML 19Page - STMicroelectronics TDA7418TR Datasheet HTML 20Page - STMicroelectronics TDA7418TR Datasheet HTML 21Page - STMicroelectronics TDA7418TR Datasheet HTML 22Page - STMicroelectronics TDA7418TR Datasheet HTML 23Page - STMicroelectronics TDA7418TR Datasheet HTML 24Page - STMicroelectronics TDA7418TR Datasheet HTML 25Page - STMicroelectronics TDA7418TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
I2C Bus specification
TDA7418
22/29
5.3
Data byte specification
Table 7.
Input selector /gain (0)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
0
0
1
1
X
0
1
0
1
X
Source Selector
PD/SE4
SE1
SE2
SE3
mute
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Input Gain
0dB
1dB
:
14dB
15dB
0
1
Diffin Mode
Single Ended Stereo
Differential Stereo
Table 8.
Loudness (1)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Attenuation
0dB
-1dB
:
-14dB
-15dB
00
0
1
1
0
1
0
1
Filter/Center Frequency
Off (Flat) D6 must be = 0
400Hz
800Hz
2400Hz
0
1
Shape
Low Boost
Low & HighBoost
0
1
Loudness Soft Step
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com