Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 9Page - STMicroelectronics TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics TDA7418TR Datasheet HTML 13Page - STMicroelectronics TDA7418TR Datasheet HTML 14Page - STMicroelectronics TDA7418TR Datasheet HTML 15Page - STMicroelectronics TDA7418TR Datasheet HTML 16Page - STMicroelectronics TDA7418TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TDA7418
Description of the audioprocessor
13/29
selected and an undesired mute would appear at the outputs. For such applications, it can
be switched in the AutoZero-Remain-Mode (Bit 6 of the subaddress-byte). If this bit is set to
high, the AutoZero will not be invoked and the old adjustment-value remains.
4.3
Loudness
There are four parameters programmable in the loudness stage:
4.3.1
Attenuation
Figure 4 shows the attenuation as a function of frequency at fC = 400Hz
Figure 4.
Loudness Attenuation @ fC = 400Hz.
4.3.2
Peak frequency
Figure 5 shows the four possible peak-frequencies at 400, 800 and 2400Hz
Figure 5.
Loudness Center frequencies @ Attn. = 15dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com