Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 4Page - STMicroelectronics TDA7418TR Datasheet HTML 5Page - STMicroelectronics TDA7418TR Datasheet HTML 6Page - STMicroelectronics TDA7418TR Datasheet HTML 7Page - STMicroelectronics TDA7418TR Datasheet HTML 8Page - STMicroelectronics TDA7418TR Datasheet HTML 9Page - STMicroelectronics TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical specification
TDA7418
8/29
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage for VCC
(1)
for other pins
1.
Reference level is GND
.
-0.4 to 10.2
-0.4 to VCC + 0.4
V
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature
-55 to +150
°C
VESD
ESD protection (Human Body Model)
±2000
V
VESD
ESD protection (Machine Model)
±200
V
VESD
ESD protection (Change Device Model)
±750
V
Table 4.
Electrical characteristics
VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply voltage
8
8.5
10
V
IS
Supply current
18
25
32
mA
INPUT SELECTOR
Rin
Input Resistance
All single ended inputs
70
100
130
k
Ω
VCL
Clipping level
1.8
2
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-0.5
0
0.5
dB
GIN MAX
Max. Input Gain
14
15
16
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-30
4
30
mV
Voffset
Remaining offset with AutoZero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance
Differential
70
100
130
k
Ω
CMRR
Common Mode Rejection Ratio
VCM=1 VRMS@ 1kHz
40
60
dB
VCM=1 VRMS@ 10kHz
40
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com