Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 5Page - STMicroelectronics TDA7418TR Datasheet HTML 6Page - STMicroelectronics TDA7418TR Datasheet HTML 7Page - STMicroelectronics TDA7418TR Datasheet HTML 8Page - STMicroelectronics TDA7418TR Datasheet HTML 9Page - STMicroelectronics TDA7418TR Datasheet HTML 10Page - STMicroelectronics TDA7418TR Datasheet HTML 11Page - STMicroelectronics TDA7418TR Datasheet HTML 12Page - STMicroelectronics TDA7418TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TDA7418
Electrical specification
9/29
eNo
Output Noise @ Speaker
Outputs
20Hz-20kHz,flat; all stages
0dB
12
20
μV
LOUDNESS CONTROL
AMAX
Max Attenuation
-16
-15
-14
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ASTEP
Step Resolution
0.5
1
1.5
dB
fPeak
Peak Frequency (1)
fP1
360
400
440
Hz
fP2
720
800
880
Hz
fP4
2.1
2.4
2.7
kHz
VOLUME CONTROL
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
-84
-79
-74
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +15dB
-1
0
1
dB
G = -79 to -20dB
-4
0
3
dB
ET
Tracking Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
-3
0.1
3
mV
From 0dB to GMIN
-10
0.5
10
mV
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
ms
T2
0.96
ms
T3
123
ms
VTH Low
Low Threshold for SM Pin
0.7
V
VTH High
High Threshold for SM Pin
2.7
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up Voltage
3.3
V
BASS CONTROL
fc
Center Frequency (1)
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
180
200
220
Hz
Table 4.
Electrical characteristics (continued)
VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com