Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7418TR Datasheet HTML 1Page - STMicroelectronics TDA7418TR Datasheet HTML 2Page - STMicroelectronics TDA7418TR Datasheet HTML 3Page - STMicroelectronics TDA7418TR Datasheet HTML 4Page - STMicroelectronics TDA7418TR Datasheet HTML 5Page - STMicroelectronics TDA7418TR Datasheet HTML 6Page - STMicroelectronics TDA7418TR Datasheet HTML 7Page - STMicroelectronics TDA7418TR Datasheet HTML 8Page - STMicroelectronics TDA7418TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
February 2007
Rev 1
1/29
1
TDA7418
3 Band car audio procesor
Features
■ Input Multiplexer
– PD/SE4: pseudo differential stereo input,
programmable as single-ended input
– SE1: stereo single-end input
– SE2: stereo single-end input
– SE3: stereo single-end input
– input gain adjust from 0 to 15dB with 1dB
steps
– internal offset-cancellation (AutoZero)
■ Loudness
– Second order frequency response
– programmable center frequency
(400Hz/800Hz/2400Hz)
– 15dB with 1dB steps
– selectable low & high frequency boost
– selectable flat-mode (constant attenuation)
■ Volume
– +15dB to -79dB with 1dB step resolution
– soft-step control with programmable blend
times
■ Bass
– second order frequency response
– center frequency programmable in 4 steps
(60Hz/80Hz/100Hz/200Hz)
– Q programmable 1.0/1.25/1.5/2.0
– DC gain programmable
– -15 to 15dB range with 1dB resolution
■ Middle
– second order frequency response
– center frequency programmable in 4 steps
(500Hz/1KHz/1.5KHz/2.5KHz)
– Q programmable 0.5/0.75/1.0/1.25
– -15 to 15dB range with 1dB resolution
■ Treble
– second order frequency response
– center frequency programmable in 4 steps
(10KHz/12.5KHz/15KHz/17.5KHz)
– -15 to 15dB range with 1dB resolution
■ Speaker
– 4 independent soft step speaker controls,
+15dB to -79dB with 1dB steps direct mute
■ Subwoofer
– single-ended mono output
– independent soft step level control, +15dB
to -79dB with 1dB steps
■ Mute Functions
–direct mute
– digitally controlled SoftMute with 3
programmable mute-
times(0.48ms/0.96ms/123ms)
Description
The TDA7418 includes a high performance audio
procesor with fully integrated 3-Band filters to
processs signals at audible frequencies. The
digital control allows a full programming of the
audioprocessor and filters characteristics..
SO20
Table 1.
Device summary
Part number
Temp range,
°CPackage
Packing
TDA7418
-40 to +85
SO20
Tube
TDA7418TR
-40 to +85
SO20
Tape and reel
www.st.com


Similar Part No. - TDA7418TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7410NDTR STMICROELECTRONICS-TDA7410NDTR Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
ADVANCED CAR SIGNAL PROCESSOR
Oct-2003
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
CARRADIO SIGNAL PROCESSOR
Oct-2003
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
Car radio multimedia signal processor
26-Oct-2007
More results

Similar Description - TDA7418TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
logo
Rohm
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
Band-pass filter for spectrum analyzer for car audio systems
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
Band-pass filter for spectrum analyzer for car audio systems
logo
STMicroelectronics
TDA7719 STMICROELECTRONICS-TDA7719 Datasheet
544Kb / 45P
3 band car audio processor
16-Jul-2007
TDA7419 STMICROELECTRONICS-TDA7419_09 Datasheet
696Kb / 40P
3 band car audio processor
13-Feb-2009
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
21-Oct-2009
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
Car Audio DSP
April, 2014
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
Car Audio DSP
March 2015 - Rev. 2
logo
STMicroelectronics
TDA7718B STMICROELECTRONICS-TDA7718B Datasheet
1Mb / 40P
3 band car audio processor
24-Sep-2013
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
16-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com