Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7418TR
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7418TR Datasheet HTML 21Page - STMicroelectronics TDA7418TR Datasheet HTML 22Page - STMicroelectronics TDA7418TR Datasheet HTML 23Page - STMicroelectronics TDA7418TR Datasheet HTML 24Page - STMicroelectronics TDA7418TR Datasheet HTML 25Page - STMicroelectronics TDA7418TR Datasheet HTML 26Page - STMicroelectronics TDA7418TR Datasheet HTML 27Page - STMicroelectronics TDA7418TR Datasheet HTML 28Page - STMicroelectronics TDA7418TR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
I2C Bus specification
TDA7418
26/29
Table 14.
Soft mute and soft step time (12)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Soft Mute
on
off
0
0
1
0
1
X
Soft Mute Time
0.48ms
0.96ms
123ms
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Soft Step Time
0.16ms
0.32ms
0. 64ms
1.28ms
2.56ms
5.12ms
10.24ms
20.48ms
0
1
AZ function
off
on
X
Not used
Table 15.
Testing audio processor (13)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audio Processor Testing Mode
off
on
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Test Multiplexer
InMuxOutR
LoudOutR
VolumeOutR
VBG1.26
REF5V5
SSCLK
SMCLK
Clk200kHz
xNot Used
0
1
SC_clock
Normal
Fast Mode
0
1
1
x
0
1
MUTE Pin Config
Mux output
External clock
Mute (normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com