Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 3 Page - Analog Devices

  LTC3336ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3336
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 7.2V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Input Voltage Range
l
2.5
15
V
VIN Quiescent Current
Sleeping (in Regulation), VOUT Settings < 2.4V
Sleeping (in Regulation), VOUT Settings ≥ 2.4V
Dropout (No Load), VOUT Setting = 3.3V
Shutdown (EN = 0): LQFN
WLCSP
Active, Not Sleeping (ISW = 0) (Note 4)
65
10
130
45
45
220
150
25
220
70
100
320
nA
nA
nA
nA
nA
µA
VIN Peak Current
Active Switching
IPEAK
VOUT Quiescent Current
Sleeping (in Regulation), VOUT Settings < 2.4V
Sleeping (in Regulation), VOUT Settings ≥ 2.4V
25
90
45
150
nA
nA
Regulated Output Voltage (VOUT)
1.2V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
1.164
1.204
1.196
1.236
V
V
1.5V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
1.455
1.505
1.495
1.545
V
V
1.6V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
1.552
1.605
1.595
1.648
V
V
1.8V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
1.746
1.806
1.794
1.854
V
V
2.0V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
1.940
2.007
1.993
2.060
V
V
2.4V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
2.328
2.408
2.392
2.472
V
V
2.5V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
2.425
2.508
2.492
2.575
V
V
2.8V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
2.716
2.809
2.791
2.884
V
V
3.0V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
2.910
3.010
2.990
3.090
V
V
3.2V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
3.104
3.211
3.189
3.296
V
V
3.3V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
3.201
3.311
3.289
3.399
V
V
3.6V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
3.492
3.612
3.588
3.708
V
V
3.7V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
3.589
3.712
3.688
3.811
V
V
4.1V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
3.977
4.114
4.086
4.223
V
V
4.2V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
4.074
4.214
4.186
4.326
V
V
5.0V Output Setting: Sleep Threshold
Wake-Up Threshold
l
l
4.850
5.017
4.983
5.150
V
V
Power Good Threshold as
Percentage of Output Setting
VOUT Falling (Note 5)
l
90
92.5
95
%
PGOOD Output Low Voltage
10μA Into Pin
l
0.2
V
PGOOD Output High Voltage
10μA Out of Pin
l
VOUT – 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com