Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3336
13
Rev. A
For more information www.analog.com
OPERATION
Buck DC/DC Regulator
The buck regulator uses hysteretic voltage control to
regulate the output through internal feedback from the
VOUT sense pin. The output voltage can be programmed
to one of sixteen different fixed values. In dropout, the
P-channel MOSFET is turned on 100%.
The buck converter charges an output capacitor through
an inductor to a value slightly higher than the regulation
point. It does this by ramping the inductor current up to
the peak current threshold IPEAK (see Table 1) through
an internal P-channel MOSFET switch and then ramping
it down to the valley current threshold IVALLEY through
an internal N-channel MOSFET switch. See waveform in
Figure 1. This efficiently delivers energy to the output
capacitor. The ramp rates are determined by VIN, VOUT,
and the inductor value.
Table 1. IPEAK Selection
IPK1
IPK0
IPEAK
LTC3336
0
0
10mA
0
1
30mA
1
0
100mA
1
1
300mA
LTC3336-1
Bumpless
0
10mA
1
30mA
LTC3336-2
0
100mA
1
300mA
After the buck brings the output voltage into regulation,
the converter enters a low quiescent current sleep state
that monitors the output voltage with a sleep comparator.
The inductor current is ramped down to zero current in a
controlled manner before entering SLEEP.
Figure 1.
IPEAK
IVALLEY
INDUCTOR
CURRENT
t
0A
3336 F01
During SLEEP, load current is provided by the buck output
capacitor. When the output voltage falls below the regu-
lation point, the buck regulator wakes up and the cycle
repeats. This hysteretic method of providing a regulated
output reduces losses associated with MOSFET switching
and maintains an output in regulation at light loads.
When the sleep comparator signals that the output has
reached the sleep threshold, the buck converter may be
in the middle of a cycle with current still flowing through
the inductor. Normally both synchronous switches would
turn off and the current in the inductor would freewheel
to zero through the N-channel MOSFET body diode. The
LTC3336 keeps the N-channel MOSFET switched on dur-
ing this time to prevent the conduction loss that would
occur in the diode if the N-channel MOSFET were off. If
the P-channel MOSFET is on when the sleep compara-
tor trips, the P-channel immediately turns off and the
N-channel MOSFET turns on.
Though the quiescent current when the buck is switching
is much greater than the sleep quiescent current, it is still
a small percentage of the average inductor current which
results in high efficiency over most load conditions.
The buck operates only when the output voltage dis-
charges below the sleep falling threshold. Thus, the buck
operating quiescent current is averaged with the low sleep
quiescent current. This allows the converter to remain
very efficient at loads of 10μA and lower.
Sixteen selectable voltages are available by tying the out-
put select bits (OUT3, OUT2, OUT1, OUT0) to INTVCC or
VOUT (for logic high) or to GND (for logic low). Table 2
shows the sixteen codes and their corresponding
output voltages.
Operation with Buck Supplied from Output
For output voltage settings ≥ 2.4V the quiescent current
of the buck regulator is taken from the regulated output
VOUT. This mode of operation significantly reduces the VIN
quiescent current by about a factor of VIN/VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com