Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3336
14
Rev. A
For more information www.analog.com
OPERATION
Buck Regulator Dropout Operation
When the input supply voltage decreases towards the out-
put voltage, the rate of change of inductor current during
the upslope decreases, reducing the switching frequency
of the current bursts. Further reduction in input supply
voltage will eventually cause the P-channel MOSFET to
be turned on 100%, i.e., DC. The output voltage will then
be determined by the input voltage minus the voltage
drop across the P-channel MOSFET and the inductor. The
LTC3336 senses this state and enters a very low quiescent
current state.
Buck Regulator Output Overvoltage Condition and
Internal Clamp
An internal 1MΩ resistor pulls down VOUT if VOUT is
higher than 5% above its regulation voltage. This should
never happen in normal operation.
Buck Regulator Output Discharge
If EN is low, the buck regulator output is discharged
through an internal 10k resistor.
Table 2. Buck Regulator Output Voltage Selection via OUT[3:0] Pins
VOUT (V)
OUT3
OUT2
OUT1
OUT0
1.2
0
0
0
1
1.5
0
0
1
1
1.6
0
0
0
0
1.8
0
0
1
0
2.0
0
1
1
0
2.4
0
1
0
1
2.5
0
1
0
0
2.8
0
1
1
1
3.0
1
0
0
0
3.2
1
1
0
0
3.3
1
0
0
1
3.6
1
0
1
0
3.7
1
0
1
1
4.1
1
1
0
1
4.2
1
1
1
0
5.0
1
1
1
1
Note: Underlined voltage values of 1.2V, 1.8V, 2.5V, and 3V can be
set as power-up defaults. These voltage values can be “pin-strapped”
with a single pin tied high during start-up, while the other pins can be
dynamically set after start-up.
APPLICATIONS INFORMATION
Input Capacitor Selection
The input VIN should be bypassed with at least 0.1μF to
GND. In cases where the input voltage is from a battery
and the series resistance of the battery is high, a larger
capacitor may be required to handle transients. A larger
capacitor may also be necessary if the LTC3336 is sup-
plied with an input voltage close to 2.5V (at higher IPEAK
settings) to prevent the input voltage from transiently fall-
ing below the undervoltage lockout threshold.
Output Capacitor Selection
The duration for which the regulator sleeps depends on
the load current and the size of the output capacitor. The
sleep time decreases as the load current increases and/or
as the output capacitor decreases. The DC sleep hysteresis
window, Sleep Threshold – Wake-Up Threshold, is ±0.3%
around the programmed output voltage. Ideally this
means that the sleep time is determined by Equation 1.
tSLEEP = COUT • VOUT • 2 •
0.3%
ILOAD
⎛
⎝⎜
⎞
⎠⎟
(1)
As the output capacitor decreases to much lower val-
ues than described in Table 3, delays in the internal sleep
comparator along with the load current may result in the
VOUT voltage slewing past the ±0.3% thresholds. This will
lengthen the sleep time and increase VOUT ripple.
If transient load currents above the IPEAK setting are
required, then a larger capacitor can be used at the
output. This capacitor will be continuously discharged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com