Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC3336
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ISW Leakage Current
vs Temperature
Undervoltage Lockout Thresholds
vs Temperature
Load Regulation, 300mA IPEAK
Setting, VIN = 7.2V, L = 68µH
Load Regulation, 100mA IPEAK
Setting, VIN = 7.2V, L = 68µH
Load Regulation, 30mA IPEAK
Setting, VIN = 7.2V, L = 330µH
Load Regulation, 10mA IPEAK
Setting, VIN = 7.2V, L = 680µH
Line Regulation
RDS(ON) of P-Channel MOSFET
vs VIN
RDS(ON) of P-Channel MOSFET
vs VIN
PMOS, VSW = 0V
NMOS, VSW = 15V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–300
–200
–100
0
100
200
300
3336 G19
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.5
1.0
1.5
2.0
2.5
vs Temperature
3336 G20
COUT = 100 F
COUT = 220 F
100m
ILOAD (A)
1
10
100
1m
10m
250m
2.50
2.52
2.54
2.56
2.58
2.60
3336 G21
COUT = 33 F
COUT = 68 F
ILOAD (A)
1
10
100
1m
10m
83m
2.50
2.52
2.54
2.56
2.58
2.60
IN
3336 G22
COUT = 22 F
COUT = 10 F
10m
ILOAD (A)
100n
1
10
100
1m
25m
2.50
2.52
2.54
2.56
2.58
2.60
Setting, VIN = 7.2V, L = 330uH
3336 G23
COUT = 3.3 F
COUT = 6.8 F
ILOAD (A)
100n
1
10
100
1m
8.3m
2.50
2.53
2.56
2.59
2.62
2.65
Setting, VIN = 7.2V, L = 680uH
3336 G24
VIN (V)
3
6
9
12
15
2.475
2.485
2.495
2.505
2.515
2.525
Line Regulation
3336 G25
2.5V VOUT SETTING
ILOAD = 1mA
300mA IPEAK SETTING
300mA IPEAK SETTING
VIN (V)
2.5
5
7.5
10
12.5
15
0
0.2
0.4
0.6
0.8
1.0
DS(ON)
IN
3336 G26
100mA IPEAK SETTING
VIN (V)
2.5
5
7.5
10
12.5
15
0
0.6
1.2
1.8
2.4
3.0
DS(ON)
IN
3336 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com