Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3336
8
Rev. A
For more information www.analog.com
RDS(ON) of P-Channel MOSFET
vs VIN
RDS(ON) of P-Channel MOSFET
vs VIN
RDS(ON) of N-Channel MOSFET
vs VOUT
RDS(ON) of N-Channel MOSFET
vs VOUT
RDS(ON) of N-Channel MOSFET
vs VOUT
RDS(ON) of N-Channel MOSFET
vs VOUT
RDS(ON) vs Temperature
Output Voltage Ripple
30mA IPEAK SETTING
VIN (V)
2.5
5
7.5
10
12.5
15
0
2
4
6
8
10
DS(ON)
IN
3336 G28
10mA IPEAK SETTING
VIN (V)
2.5
5
7.5
10
12.5
15
0
6
12
18
24
30
DS(ON)
IN
3336 G29
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
300mA IPEAK SETTING
VOUT (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
DS(ON)
OUT
3336 G30
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
100mA IPEAK SETTING
VOUT (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
DS(ON)
OUT
3336 G31
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
30mA IPEAK SETTING
VOUT (V)
0
1
2
3
4
5
6
DS(ON)
OUT
3336 G32
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
0
3
6
9
12
15
18
10mA IPEAK SETTING
VOUT (V)
DS(ON)
OUT
3336 G33
300mA IPEAK SETTING
PMOS AT VIN = 3.6V
NMOS AT VOUT = 3.6V
TEMPERATURE (°C)
–40
15
70
125
0
0.2
0.4
0.6
0.8
1.0
1.2
3336 G34
50µs/DIV
VOUT
100mV/DIV
IL
100mA/DIV
3336 G35
L = 68µH, VIN = 7.2V
COUT = 100µF
300mA IPEAK SETTING
ILOAD = 250mA
2.5V VOUT SETTING
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com