Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 1 Page - Analog Devices

  LTC3336ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3336
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
15V/250mA Nanopower Buck
DC/DC with Programmable
Peak Input Current
The LTC®3336 is a compact high efficiency nanopower
hysteretic buck DC/DC which can deliver up to 250mA of
output current from a 2.5V to 15V input. Input quiescent
current is typically 65nA with the output in regulation at
no load for output voltages less than 2.4V; this number
is reduced further for higher output voltages at which
internal circuits can be boot-strapped from the output.
Performance specifications are ideal for primary (i.e.,
non-rechargeable) battery powered applications: low IQ
plus the ability to set the peak current to a level matched
to the battery’s maximum capacity point.
The peak input currents of 10mA, 30mA, 100mA, and
300mA are pin selectable as well as the output voltages
of 1.2V, 1.5V, 1.6V, 1.8V, 2.0V, 2.4V, 2.5V, 2.8V, 3.0V,
3.2V, 3.3V, 3.6V, 3.7V, 4.1V, 4.2V, and 5.0V.
The LTC3336 is offered in a compact 12-lead 2mm × 2mm
LQFN or an ultra compact 12-ball 1.18mm × 1.62mm
WLCSP package.
LTC3336
LQFN, IPEAK = 10mA/30mA/100mA/300mA
LTC3336-1
WLCSP, IPEAK = 10mA/30mA
LTC3336-2
WLCSP, IPEAK = 100mA/300mA
Efficiency vs ILOAD
VOUT = 2.5V, IPEAK = 300mA
APPLICATIONS
n
Input Voltage Range: 2.5V to 15V
n
Output Current: Up to 250mA
n
IVIN = 65nA (In Regulation, No Load)
n
Output Voltage Range: 1.2V to 5V
n
16 Fixed Output Voltages Programmed via
4 Pin-Strapped Inputs
n
4 Peak VIN Currents Programmed via 2 Pin-
Strapped Inputs (10mA/30mA/100mA/300mA)
n
Low IQ Dropout Mode
n
Power Good (PGOOD) Output
n
12-Lead 2mm × 2mm LQFN and 12-Ball 1.18mm ×
1.62mm Chip Scale (WLCSP) Packages
n
Low Power Primary Battery Powered Systems (e.g.,
1× to 3× Li-Ion Primary, 3× to 8× AAA)
n
Remote Industrial Sensors (e.g., Meters, Alarms)
n
Asset Trackers
n
Electronic Door Locks
n
Keep-Alive Supplies/Battery Backup
n
SmartMesh® Applications
All registered trademarks and trademarks are the property of their respective owners.
3336 TA01a
+
LTC3336
VIN
IPK1
IPK0
EN
SW
VOUT
PGOOD
INTVCC GND
L
33 H
2.5V/250mA
COUT
100 F
6.3V
2×
LiSOCl2
CIN
0.1 F
10V
OUT2
OUT3
OUT1
OUT0
COUT = 100µF
VIN = 3.6V, L = 15µH
VIN = 7.2V, L = 33µH
VIN = 15V, L = 47µH
LOAD CURRENT (A)
100n
1µ
10µ 100µ 1m 10m 100m
1
0
10
20
30
40
50
60
70
80
90
100
3336 TA01b


Similar Part No. - LTC3336ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3336 AD-LTC3336 Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
LTC3336EV#TRPBF AD-LTC3336EV#TRPBF Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
More results

Similar Description - LTC3336ACBZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3335 LINER-LTC3335_15 Datasheet
467Kb / 28P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3335 LINER-LTC3335 Datasheet
1Mb / 22P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
logo
Analog Devices
LTC3336 AD-LTC3336 Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com