Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 2 Page - Analog Devices

  LTC3336ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3336
2
Rev. A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN Voltage ............................................. –0.3V to 16.5V
EN, IPK[1:0], OUT[3:0] Voltage .................... –0.3V to 6V
PGOOD Voltage...........................–0.3V to (VOUT + 0.3V)
PGOOD Current...................................................... ±1mA
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
TAPE AND REEL
TAPE AND REEL MINI
PART MARKING
PACKAGE TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH
CODE
LTC3336EV#TRPBF LTC3336EV#TRMPBF
LHMJ
e4
LQFN (Laminate Package with QFN Footprint)
3
–40°C to 125°C
LTC3336ACBZ-1-R7 N/A
361
e1
12-Ball (1.18mm × 1.62mm) WLCSP, CB-12-15
1
–40°C to 125°C
LTC3336ACBZ-2-R7 N/A
362
e1
12-Ball (1.18mm × 1.62mm) WLCSP, CB-12-15
1
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
TOP VIEW
VIN
EN
IPK1
IPK0
OUT0
OUT1
OUT2
OUT3
10
9
8
7
1
2
3
4
LQFN PACKAGE
12-LEAD (2mm × 2mm) PLASTIC QFN
TJ(MAX) = 125°C, θJA = 71°C/W (JEDEC BOARD)
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
13
GND
12
11
5
6
TOP VIEW
1
A
B
C
D
2
3
EN
GND
SW
INTVCC IPK0
VIN
PGOOD OUT0 VOUT
WLCSP PACKAGE
12-BALL (1.18mm × 1.62mm)
OUT3 OUT2 OUT1
TJ(MAX) = 125°C, θJA = 83°C/W,
θJC(TOP) = 1.7°C/W (JEDEC BOARD)
SW Current ......................................................... 400mA
Operating Junction Temperature
Range (Notes 2, 3)............................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Reflow Soldering Peak Temperature .....................260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com