Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC3336
15
Rev. A
For more information www.analog.com
during this load condition. The capacitor can be sized
using Equation 2 for an acceptable ripple VOUT+ – VOUT–.
COUT = tLOAD •
ILOAD – 0.95 • IPEAK
VOUT+ – VOUT–
⎛
⎝⎜
⎞
⎠⎟
(2)
In Equation 2, tLOAD is the duration of the excessive tran-
sient load current, IPEAK is the programmed IPEAK setting
and VOUT+ – VOUT– is the desired VOUT ripple.
At zero or light load conditions VOUT should not exceed
the typical 5% overvoltage threshold. Otherwise, it loses
some power in the 1MΩ overvoltage pull-down resistor.
A standard surface mount ceramic capacitor can be used
for COUT. These capacitors can be obtained from manu-
facturers such as Vishay, Murata, TDK, and Taiyo Yuden.
Table 3. Minimum Required Buck Output Capacitor Size for a
Sleep Time of 50µs at Max Load
VOUT
(V)
IPEAK
(mA)
COUT
(µF)
1.2
10
6.8
1.2
30
22
1.2
100
68
1.2
300
220
2.5
10
3.3
2.5
30
10
2.5
100
33
2.5
300
100
5.0
10
2.2
5.0
30
4.7
5.0
100
22
5.0
300
47
Inductor Selection
The buck is optimized to work with inductor values calcu-
lated with Equation 3 or larger. The calculated values rep-
resent a suitable trade-off between size and efficiency for
typical applications. A larger inductor will benefit higher
input voltage applications by reducing the switching fre-
quency of the P-channel MOSFET switch, thereby improv-
ing efficiency by reducing gate charge loss. Choose an
inductor with a saturation current rating, ISAT, greater
than the programmed IPEAK setting. The DC Resistance
(DCR) of the inductor can have an impact on efficiency
as it is a source of loss. Trade-offs between price, size,
and DCR should be evaluated. Equation 3 can be used to
calculate the minimum inductor value that works well with
the LTC3336 depending on VIN, VOUT, IPEAK and maxi-
mum switching frequency ƒ. A good target for switching
frequency is 2MHz.
Examples of inductor series to choose from: LPS4018
(0.56μH to 1000μH), MSS7348 (3.3μH to 1000μH), and
MSS1210 (10μH to 10,000μH).
L
=
1
ƒ • 10% •IPEAK •
1
VIN − VOUT
+
1
VOUT
⎛
⎝⎜
⎞
⎠⎟
(3)
Explanation of symbols used in Equation 3 and how they
are derived:
T
= L •
∆I
VL
T
=
1
ƒ
∆I =IPEAK −IVALLEY = 10% •IPEAK
VL = Voltage Across Inductor
ƒ
= Switching Frequency
T
= TON + TOFF
TON = L •
∆I
VIN − VOUT
duration of 
P-Channel MOSFET On
TOFF = L •
∆I
VOUT
duration of 
P-Channel MOSFET Off
Dynamic Output Voltage Change
The selection bits OUT[3:0] can be driven from the out-
puts of a microcontroller and dynamically changed while
the buck is running.
A start-up default voltage, VDEFAULT, can be set with
one (or more) pins tied high. Refer to Table 4 and the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com