Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3336
10
Rev. A
For more information www.analog.com
Efficiency vs ILOAD,
VOUT = 1.2V, IPEAK = 30mA
Efficiency vs ILOAD,
VOUT = 2.5V, IPEAK = 30mA
Efficiency vs ILOAD,
VOUT = 5V, IPEAK = 30mA
Efficiency vs ILOAD,
VOUT = 1.2V, IPEAK = 10mA
Efficiency vs ILOAD,
VOUT = 2.5V, IPEAK = 10mA
Efficiency vs ILOAD,
VOUT = 5V, IPEAK = 10mA
COUT = 100µF
VIN = 3.6V, L = 150µH
VIN = 7.2V, L = 180µH
VIN = 15V, L = 220µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G45
COUT = 100µF
VIN = 3.6V, L = 150µH
VIN = 7.2V, L = 330µH
VIN = 15V, L = 470µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G46
COUT = 100µF
VIN = 7.2V, L = 330µH
VIN = 15V, L = 560µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G47
COUT = 100µF
VIN = 3.6V, L = 470µH
VIN = 7.2V, L = 560µH
VIN = 15V, L = 560µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G48
COUT = 100µF
VIN = 3.6V, L = 470µH
VIN = 7.2V, L = 820µH
VIN = 15V, L = 1000µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G49
COUT = 100µF
VIN = 7.2V, L = 820µH
VIN = 15V, L = 1800µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m
0
10
20
30
40
50
60
70
80
90
100
VOUT = 5V, IPEAK = 10mA
3336 G50
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com