Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336ACBZ-2-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3336ACBZ-2-R7
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3336ACBZ-2-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3336ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices LTC3336ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3336
9
Rev. A
For more information www.analog.com
0A to 250mA Load Transient
Power-Up Transient
Dynamic Output Voltage Change
Between 1.5V and 1.8V
Efficiency vs ILOAD,
VOUT = 1.2V, IPEAK = 300mA
Efficiency vs ILOAD,
VOUT = 2.5V, IPEAK = 300mA
Efficiency vs ILOAD,
VOUT = 5V, IPEAK = 300mA
Efficiency vs ILOAD,
VOUT = 1.2V, IPEAK = 100mA
Efficiency vs ILOAD,
VOUT = 2.5V, IPEAK = 100mA
Efficiency vs ILOAD,
VOUT = 5V, IPEAK = 100mA
L = 68µH, VIN = 7.2V
100ms/DIV
VOUT
100mV/DIV
ILOAD
100mA/DIV
3336 G36
COUT = 100µF
300mA IPEAK SETTING
2.5V VOUT SETTING
2ms/DIV
VOUT
1V/DIV
VEN
5V/DIV
3336 G37
L = 68µH, VIN = 7.2V
COUT = 100µF
300mA IPEAK SETTING
2.5V VOUT SETTING
ILOAD = 250mA
1.8V (0010)
1.5V
(0011)
2ms/DIV
VOUT
200mV/DIV
OUT0
1V/DIV
3336 G38
L = 68µH, VIN = 7.2V
COUT = 100µF
300mA IPEAK SETTING
ILOAD = 250mA
COUT = 100µF
VIN = 3.6V, L = 15µH
VIN = 7.2V, L = 18µH
VIN = 15V, L = 22µH
LOAD CURRENT (A)
100n
1µ
10µ 100µ 1m 10m 100m
1
0
10
20
30
40
50
60
70
80
90
100
VOUT = 1.2V, IPEAK = 300mA
3336 G39
COUT = 100µF
VIN = 3.6V, L = 15µH
VIN = 7.2V, L = 33µH
VIN = 15V, L = 47µH
LOAD CURRENT (A)
100n
1µ
10µ 100µ 1m 10m 100m
1
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G40
COUT = 100µF
VIN = 7.2V, L = 33µH
VIN = 15V, L = 68µH
LOAD CURRENT (A)
100n
1µ
10µ 100µ 1m 10m 100m
1
0
10
20
30
40
50
60
70
80
90
100
VOUT = 5V, IPEAK = 300mA
3336 G41
COUT = 100µF
VIN = 3.6V, L = 47µH
VIN = 7.2V, L = 68µH
VIN = 15V, L = 68µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G42
COUT = 100µF
VIN = 3.6V, L = 47µH
VIN = 7.2V, L = 100µH
VIN = 15V, L = 120µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G43
COUT = 100µF
VIN = 7.2V, L = 100µH
VIN = 15V, L = 180µH
LOAD CURRENT (A)
100n
1µ
10µ
100µ
1m
10m 100m
0
10
20
30
40
50
60
70
80
90
100
OUT
PEAK
3336 G44
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com